Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF256 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # AT25DF256
Description  256-Kbit, 1.65 V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT25DF256 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button AT25DF256 Datasheet HTML 39Page - Renesas Technology Corp AT25DF256 Datasheet HTML 40Page - Renesas Technology Corp AT25DF256 Datasheet HTML 41Page - Renesas Technology Corp AT25DF256 Datasheet HTML 42Page - Renesas Technology Corp AT25DF256 Datasheet HTML 43Page - Renesas Technology Corp AT25DF256 Datasheet HTML 44Page - Renesas Technology Corp AT25DF256 Datasheet HTML 45Page - Renesas Technology Corp AT25DF256 Datasheet HTML 46Page - Renesas Technology Corp AT25DF256 Datasheet HTML 47Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
DS-AT25DF256-035 Rev.G
Page 44
2024-01-08
© 2024 Renesas Electronics
AT25DF256 Datasheet
17.2 8-Pad, 2 x 3 x 0.6 mm UDFN
D
E
Pin 1 ID
TOP VIEW
SIDE VIEW
A1
A
SYMBOL
MIN
NOM
MAX
A
A1
b
D2
E
e
0.50
0.55
0.00
0.02
0.20
0.25
1.55
0.20
0.60
0.05
0.30
1.65
COMMON DIMENSIONS
(Unit of Measure = mm)
K
BOTTOM VIEW
1. This package conforms to JEDEC reference MO-229, Saw Singulation.
2. The terminal #1 ID is a Laser-marked feature.
Notes:
2.00 BSC
0.40
0.50
L
0.45
0.50 BSC
3.00 BSC
1.60
A3
A3
0.150 REF
D
E2
0.15
0.25
0.20
D2
L
1
2
3
4
5
6
7
8
(C 0.15 x 45°)
K
E2
0.15 mm
0.15 mm
b
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com