Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640HCB Datasheet(PDF) 58 Page - Numonyx B.V

Part # M28W640HCB
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCB Datasheet(HTML) 58 Page - Numonyx B.V

Back Button M28W640HCB Datasheet HTML 54Page - Numonyx B.V M28W640HCB Datasheet HTML 55Page - Numonyx B.V M28W640HCB Datasheet HTML 56Page - Numonyx B.V M28W640HCB Datasheet HTML 57Page - Numonyx B.V M28W640HCB Datasheet HTML 58Page - Numonyx B.V M28W640HCB Datasheet HTML 59Page - Numonyx B.V M28W640HCB Datasheet HTML 60Page - Numonyx B.V M28W640HCB Datasheet HTML 61Page - Numonyx B.V M28W640HCB Datasheet HTML 62Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
Common Flash interface (CFI)
M28W640HCT, M28W640HCB
58/72
(P+F)h = 44h
0080h
Protection field 1: protection description
This field describes user-available one-time-programmable
(OTP) protection register bytes. Some are pre-programmed with
device unique serial numbers. Others are user programmable.
bits 0–15 point to the Protection Register Lock byte, the section’s
first byte.
The following bytes are factory pre-programmed and user-
programmable.
bit 0 to 7 Lock/bytes JEDEC-plane physical low address
bit 8 to 15Lock/bytes JEDEC-plane physical high address
bit 16 to 23 "n" such that 2n = factory pre-programmed bytes
bit 24 to 31 "n" such that 2n = user programmable bytes
80h
(P+10)h = 45h
0000h
00h
(P+11)h = 46h
0003h
8 byte
(P+12)h = 47h
0004h
16 byte
(P+13)h = 48h
Reserved
1.
See Table 26, offset 15 for P pointer definition.
Table 30.
Security code area
Offset
Data
Description
80h
00XX
Protection Register Lock
81h
XXXX
64 bits: unique device number
82h
XXXX
83h
XXXX
84h
XXXX
85h
XXXX
128 bits: user programmable OTP
86h
XXXX
87h
XXXX
88h
XXXX
89h
XXXX
8Ah
XXXX
8Bh
XXXX
8Ch
XXXX
Table 29.
Primary algorithm-specific extended query table (continued)
Offset
P = 35h(1)
Data
Description
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com