Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640HCB Datasheet(PDF) 21 Page - Numonyx B.V

Part # M28W640HCB
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCB Datasheet(HTML) 21 Page - Numonyx B.V

Back Button M28W640HCB Datasheet HTML 17Page - Numonyx B.V M28W640HCB Datasheet HTML 18Page - Numonyx B.V M28W640HCB Datasheet HTML 19Page - Numonyx B.V M28W640HCB Datasheet HTML 20Page - Numonyx B.V M28W640HCB Datasheet HTML 21Page - Numonyx B.V M28W640HCB Datasheet HTML 22Page - Numonyx B.V M28W640HCB Datasheet HTML 23Page - Numonyx B.V M28W640HCB Datasheet HTML 24Page - Numonyx B.V M28W640HCB Datasheet HTML 25Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
M28W640HCT, M28W640HCB
Command interface
21/72
4.14
Block Unlock command
The Block Unlock command is used to unlock a block, allowing the block to be programmed
or erased. Two Bus Write cycles are required to issue the Block Unlock command:
●
The first bus cycle sets up the Block Unlock command
●
The second Bus Write cycle latches the block address.
The lock status can be monitored for each block using the Read Electronic Signature
command. Table 10 shows the protection status after issuing a Block Unlock command.
Refer to the Section 5: Block locking, for a detailed explanation.
4.15
Block Lock-down command
A locked block cannot be programmed or erased, or have its protection status changed
when WP is Low, VIL. When WP is High, VIH, the Lock-down function is disabled and the
locked blocks can be individually unlocked by the Block Unlock command.
Two Bus Write cycles are required to issue the Block Lock-down command:
●
The first bus cycle sets up the Block Lock command
●
The second Bus Write cycle latches the block address.
The lock status can be monitored for each block using the Read Electronic Signature
command. Locked-down blocks revert to the locked (and not locked-down) state when the
device is reset on power-down. Table 10 shows the protection status after issuing a Block
Lock-down command. Refer to the Section 5: Block locking for a detailed explanation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com