Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640HCB Datasheet(PDF) 7 Page - Numonyx B.V

Part # M28W640HCB
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCB Datasheet(HTML) 7 Page - Numonyx B.V

Back Button M28W640HCB Datasheet HTML 3Page - Numonyx B.V M28W640HCB Datasheet HTML 4Page - Numonyx B.V M28W640HCB Datasheet HTML 5Page - Numonyx B.V M28W640HCB Datasheet HTML 6Page - Numonyx B.V M28W640HCB Datasheet HTML 7Page - Numonyx B.V M28W640HCB Datasheet HTML 8Page - Numonyx B.V M28W640HCB Datasheet HTML 9Page - Numonyx B.V M28W640HCB Datasheet HTML 10Page - Numonyx B.V M28W640HCB Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
M28W640HCT, M28W640HCB
Description
7/72
1
Description
The M28W640HCT and M28W640HCB are 64 Mbit (4 Mbit x 16) non-volatile Flash
memories that can be erased electrically at block level and programmed in-system on a
word-by-word basis using a 2.7 V to 3.6 V VDD supply. An optional 12V VPP power supply is
provided to speed up customer programming.
The devices feature an asymmetrical blocked architecture. They have an array of 135
blocks: 8 parameter blocks of 4 Kwords and 127 main blocks of 32 Kwords. The
M28W640HCT has the parameter blocks at the top of the memory address space while the
M28W640HCB locates the parameter blocks starting from the bottom. The memory maps
are shown in Figure 4: Block addresses.
The M28W640HCT and M28W640HCB feature an instant, individual block locking scheme
that allows any block to be locked or unlocked with no latency, enabling instant code and
data protection. All blocks have three levels of protection. They can be locked and locked-
down individually preventing any accidental programming or erasure. There is an additional
hardware protection against program and erase. When VPP ≤VPPLK all blocks are protected
against program or erase. All blocks are locked at power-up.
Each block can be erased separately. Erase can be suspended in order to perform either
read or program in any other block and then resumed. Program can be suspended to read
data in any other block and then resumed. Each block can be programmed and erased over
100,000 cycles.
The device includes a 192-bit protection register to increase the protection of a system
design. The protection register is divided into a 64-bit segment and a 128-bit segment. The
64-bit segment contains a unique device number written by Numonyx, while the second one
is one-time-programmable by the user. The user programmable segment can be
permanently protected. Figure 5, shows the protection register memory map.
Program and Erase commands are written to the command interface of the memory. An on-
chip Program/Erase controller takes care of the timings necessary for program and erase
operations. The end of a program or erase operation can be detected and any error
conditions identified. The command set required to control the memory is consistent with
JEDEC standards.
The memory is offered in TSOP48 (12 × 20 mm) and TFBGA48 (6.39 × 10.5 mm, 0.75 mm
pitch) packages and is supplied with all the bits erased (set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com