Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640HCB Datasheet(PDF) 17 Page - Numonyx B.V

Part # M28W640HCB
Description  64 Mbit (4 Mb x 16, boot block) 3 V supply Flash memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

M28W640HCB Datasheet(HTML) 17 Page - Numonyx B.V

Back Button M28W640HCB Datasheet HTML 13Page - Numonyx B.V M28W640HCB Datasheet HTML 14Page - Numonyx B.V M28W640HCB Datasheet HTML 15Page - Numonyx B.V M28W640HCB Datasheet HTML 16Page - Numonyx B.V M28W640HCB Datasheet HTML 17Page - Numonyx B.V M28W640HCB Datasheet HTML 18Page - Numonyx B.V M28W640HCB Datasheet HTML 19Page - Numonyx B.V M28W640HCB Datasheet HTML 20Page - Numonyx B.V M28W640HCB Datasheet HTML 21Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
M28W640HCT, M28W640HCB
Command interface
17/72
4.4
Read CFI Query command
The Read Query command is used to read data from the common Flash interface (CFI)
memory area, allowing programming equipment or applications to automatically match their
interface to the characteristics of the device. One Bus Write cycle is required to issue the
Read Query command. Once the command is issued subsequent bus read operations read
from the common Flash interface memory area. See Appendix B: Common Flash interface
(CFI), tables 25, 26, 27, 28, 29 and 30 for details on the information contained in the
common Flash interface memory area.
4.5
Block Erase command
The Block Erase command can be used to erase a block. It sets all the bits within the
selected block to ’1’. All previous data in the block is lost. If the block is protected then the
erase operation will abort, the data in the block will not be changed and the Status Register
will output the error.
Two Bus Write cycles are required to issue the command:
●
The first bus cycle sets up the Erase command
●
The second latches the block address in the internal state machine and starts the
Program/Erase controller.
If the second bus cycle is not Write Erase Confirm (D0h), Status Register bits b4 and b5 are
set and the command aborts.
Table 3.
Command codes
Hex code
Command
01h
Block Lock confirm
10h
Program
20h
Erase
2Fh
Block Lock-down confirm
30h
Double Word Program
40h
Program
50h
Clear Status Register
56h
Quadruple Word Program
60h
Block Lock, Block Unlock, Block Lock-down
70h
Read Status Register
90h
Read Electronic Signature
98h
Read CFI Query
B0h
Program/Erase Suspend
C0h
Protection Register Program
D0h
Program/Erase Resume, Block Unlock confirm
FFh
Read Memory Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com