Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M14128 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M14128
Description  Memory Card IC 256/128 Kbit Serial I²C Bus EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M14128 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M14128 Datasheet HTML 3Page - STMicroelectronics M14128 Datasheet HTML 4Page - STMicroelectronics M14128 Datasheet HTML 5Page - STMicroelectronics M14128 Datasheet HTML 6Page - STMicroelectronics M14128 Datasheet HTML 7Page - STMicroelectronics M14128 Datasheet HTML 8Page - STMicroelectronics M14128 Datasheet HTML 9Page - STMicroelectronics M14128 Datasheet HTML 10Page - STMicroelectronics M14128 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7/12
M14256, M14128
Read Operations
Read operations are independent of the state of
the WC pin. On delivery, the memory content is set
at all “1’s” (FFh).
Current Address Read
The memory has an internal address counter.
Each time a byte is read, this counter is increment-
ed. For the Current Address Read mode, following
a START condition, the master sends a device se-
lect with the RW bit set to ‘1’. The memory ac-
knowledges this, and outputs the byte addressed
by the internal address counter. The counter is
then incremented. The master must
not acknowl-
edge the byte output, and terminates the transfer
with a STOP condition, as shown in Figure 8.
Random Address Read
A dummy write is performed to load the address
into the address counter, as shown in Figure 8.
This is followed by another START condition from
the master and the device select is repeated with
Minimizing System Delays by Polling On ACK
During the internal write cycle, the memory discon-
nects itself from the bus, and copies the data from
its internal latches to the memory cells. The maxi-
mum write time (tw) is indicated in Table 7, but the
typical time is shorter. To make use of this, an ACK
polling sequence can be used by the master.
The sequence, as shown in Figure 7, is as follows:
– Initial condition: a Write is in progress.
– Step 1: the master issues a START condition
followed by a device select byte (first byte of the
new instruction).
– Step 2: if the memory is busy with the internal
write cycle, no ACK will be returned and the
master goes back to Step 1. If the memory has
terminated the internal write cycle, it responds
with an ACK, indicating that the memory is
ready to receive the second part of the next in-
struction (the first byte of this instruction having
been sent during Step 1).
Figure 7. Write Cycle Polling Flowchart using ACK
WRITE Cycle
in Progress
AI02165
Next
Operation is
Addressing the
Memory
START Condition
DEVICE SELECT
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReSTART
STOP
Proceed
WRITE Operation
Proceed
Random Address
READ Operation
Send
Byte Address
First byte of instruction
with RW = 0 already
decoded by M14xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com