Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M14128 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M14128
Description  Memory Card IC 256/128 Kbit Serial I²C Bus EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M14128 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M14128 Datasheet HTML 4Page - STMicroelectronics M14128 Datasheet HTML 5Page - STMicroelectronics M14128 Datasheet HTML 6Page - STMicroelectronics M14128 Datasheet HTML 7Page - STMicroelectronics M14128 Datasheet HTML 8Page - STMicroelectronics M14128 Datasheet HTML 9Page - STMicroelectronics M14128 Datasheet HTML 10Page - STMicroelectronics M14128 Datasheet HTML 11Page - STMicroelectronics M14128 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9/12
M14256, M14128
Table 7. AC Characteristics
(TA = 0 to 70 °C; VCC = 2.5 V to 5.5 V)
Note: 1. For a reSTART condition, or following a write cycle.
2. Sampled only, not 100% tested
Table 8. DC Characteristics
(TA = 0 to 70 °C; VCC = 2.5 V to 5.5 V)
Symbol
Alt.
Parameter
Fast I2C
400 kHz
I2C
100 kHz
Unit
Min
Max
Min
Max
tCH1CH2 2
tR
Clock Rise Time
300
1000
ns
tCL1CL2 2
tF
Clock Fall Time
300
300
ns
tDH1DH2 2
tR
SDA Rise Time
20
300
20
1000
ns
tDL1DL2 2
tF
SDA Fall Time
20
300
20
300
ns
tCHDX 1
tSU:STA
Clock High to Input Transition
600
4700
ns
tCHCL
tHIGH
Clock Pulse Width High
600
4000
ns
tDLCL
tHD:STA
Input Low to Clock Low (START)
600
4000
ns
tCLDX
tHD:DAT
Clock Low to Input Transition
0
0
µs
tCLCH
tLOW
Clock Pulse Width Low
1.3
4.7
µs
tDXCX
tSU:DAT
Input Transition to Clock Transition
100
250
ns
tCHDH
tSU:STO
Clock High to Input High (STOP)
600
4000
ns
tDHDL
tBUF
Input High to Input Low (Bus Free)
1.3
4.7
µs
tCLQV
tAA
Clock Low to Data Out Valid
1000
3500
ns
tCLQX
tDH
Data Out Hold Time After Clock Low
200
200
ns
fC
fSCL
Clock Frequency
400
100
kHz
tW
tWR
Write Time
10
10
ms
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current (SCL,
SDA)
0V
≤ VIN ≤ VCC
± 2
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC=5V, fc=400kHz (rise/fall time < 30ns)
2mA
VCC =2.5V, fc=400kHz (rise/fall time < 30ns)
1mA
ICC1
Supply Current
(Stand-by)
VIN = VSS or VCC , VCC = 5 V
20
µA
VIN = VSS or VCC , VCC = 2.5 V
2µA
VIL
Input Low Voltage (SCL, SDA)
- 0.3
0.3 VCC
V
VIH
Input High Voltage (SCL, SDA)
0.7 VCC
VCC + 1
V
VIL
Input Low Voltage (WC)
- 0.3
0.5
V
VIH
Input High Voltage (WC)
VCC - 0.5
VCC + 1
V
VOL
Output Low
Voltage
IOL = 3 mA, VCC = 5 V
0.4
V
IOL = 2.1 mA, VCC = 2.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com