Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M14128 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M14128
Description  Memory Card IC 256/128 Kbit Serial I²C Bus EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M14128 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M14128 Datasheet HTML 4Page - STMicroelectronics M14128 Datasheet HTML 5Page - STMicroelectronics M14128 Datasheet HTML 6Page - STMicroelectronics M14128 Datasheet HTML 7Page - STMicroelectronics M14128 Datasheet HTML 8Page - STMicroelectronics M14128 Datasheet HTML 9Page - STMicroelectronics M14128 Datasheet HTML 10Page - STMicroelectronics M14128 Datasheet HTML 11Page - STMicroelectronics M14128 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
M14256, M14128
10/12
Figure 9. AC Waveforms
SCL
SDA IN
SCL
SDA OUT
SCL
SDA IN
tCHCL
tDLCL
tCHDX
START
CONDITION
tCLCH
tDXCX
tCLDX
SDA
INPUT
SDA
CHANGE
tCHDH
tDHDL
STOP &
BUS FREE
DATA VALID
tCLQV
tCLQX
DATA OUTPUT
tCHDH
STOP
CONDITION
tCHDX
START
CONDITION
WRITE CYCLE
tW
AI00795B
Figure 10. AC Testing Input Output Waveforms
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Table 9. AC Measurement Conditions
Input Rise and Fall Times
≤ 50 ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
Table 10. Input Parameters1 (TA = 25 °C, f = 400 kHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
tNS
Low Pass Filter Input Time
Constant (SCL & SDA Inputs)
100
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com