Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M14128 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M14128
Description  Memory Card IC 256/128 Kbit Serial I²C Bus EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M14128 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M14128 Datasheet HTML 4Page - STMicroelectronics M14128 Datasheet HTML 5Page - STMicroelectronics M14128 Datasheet HTML 6Page - STMicroelectronics M14128 Datasheet HTML 7Page - STMicroelectronics M14128 Datasheet HTML 8Page - STMicroelectronics M14128 Datasheet HTML 9Page - STMicroelectronics M14128 Datasheet HTML 10Page - STMicroelectronics M14128 Datasheet HTML 11Page - STMicroelectronics M14128 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
M14256, M14128
Table 11. Ordering Information Scheme
ORDERING INFORMATION
Devices are shipped from the factory with the memory content set at all ‘1’s (FFh).
The notation used for the device number is as shown in Table 11. For a list of available options (speed,
package, etc.) or for further information on any aspect of this device, please contact the ST Sales Office
nearest to you.
Example:
M14256
-
W
D22
Delivery Form
D22
Module on Super 35 mm
film
Memory Capacity
256
256 Kbit
Operating Voltage
128
128 Kbit
W
2.5 V to 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com