Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5331 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5331
Description  Micro-Power High Performance Dual 300mA ULDO?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5331 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5331 Datasheet HTML 2Page - Micrel Semiconductor MIC5331 Datasheet HTML 3Page - Micrel Semiconductor MIC5331 Datasheet HTML 4Page - Micrel Semiconductor MIC5331 Datasheet HTML 5Page - Micrel Semiconductor MIC5331 Datasheet HTML 6Page - Micrel Semiconductor MIC5331 Datasheet HTML 7Page - Micrel Semiconductor MIC5331 Datasheet HTML 8Page - Micrel Semiconductor MIC5331 Datasheet HTML 9Page - Micrel Semiconductor MIC5331 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Micrel, Inc.
MIC5331
February 2008
7
M9999-021408-A
Application Information
MIC5331 is a tiny dual low quiescent current 300mA
LDO. The MIC5331 regulator is fully protected from
damage due to fault conditions, offering linear current
limiting and thermal shutdown.
Input Capacitor
The MIC5331 is a high-performance, high bandwidth
device. Therefore, it requires a well-bypassed input
supply for optimal performance. A 1µF capacitor is
required from the input to ground to provide stability.
Low-ESR
ceramic
capacitors
provide
optimal
performance at a minimum of space. Additional high-
frequency capacitors, such as small-valued NPO
dielectric-type capacitors, help filter out high-frequency
noise and are good practice in any RF-based circuit.
X5R or X7R dielectrics are recommended for the input
capacitor. Y5V dielectrics lose most of their capacitance
over temperature and are therefore, not recommended.
Output Capacitor
The MIC5331 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized for
use with low-ESR ceramic chip capacitors. High ESR
capacitors may cause high frequency oscillation. The
output capacitor can be increased, but performance has
been optimized for a 1µF ceramic output capacitor and
does not improve significantly with larger capacitance.
X7R/X5R
dielectric-type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
No-Load Stability
Unlike many other voltage regulators, the MIC5331 will
remain stable and in regulation with no load. This is
especially
important
in
CMOS
RAM
keep-alive
applications.
Enable/Shutdown
The MIC5331 comes with dual active-high enable pins
that allow each regulator to be disabled independently.
Forcing the enable pin low disables the regulator and
sends it into a “zero” off-mode-current state. In this state,
current consumed by the regulator goes nearly to zero.
Forcing the enable pin high enables the output voltage.
The active-high enable pin uses CMOS technology and
the enable pin cannot be left floating; a floating enable
pin may cause an indeterminate state on the output.
Thermal Considerations
The MIC5331 is designed to provide 300mA of
continuous current for both outputs in a very small
package. Maximum ambient operating temperature can
be calculated based on the output current and the
voltage drop across the part. For example if the input
voltage is 3.6V, the output voltage is 3.0V for VOUT1, 2.8V
for VOUT2 and the output current = 300mA. The actual
power dissipation of the regulator circuit can be
determined using the equation:
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) I OUT2 + VIN IGND
Because this device is CMOS and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1%
and can be ignored for this calculation.
PD = (3.6V – 3.0V) × 300mA + (3.6V -2.8) × 300mA
PD = 0.42W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction-to-ambient
thermal resistance of the device and the following basic
equation:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
JA
A
J(MAX)
D(MAX)
θ
T
T
P
TJ(max) = 125°C, and the maximum junction temperature
of the die, θJA, thermal resistance = 90°C/W.
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit. The junction-to-
ambient thermal resistance for the minimum footprint is
90°C/W.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating the MIC5331-PMYMT at
an input voltage of 3.6V and 300mA loads at each output
with a minimum footprint layout, the maximum ambient
operating temperature TA can be determined as follows:
0.42W = (125°C – TA)/(90°C/W)
TA = 87.2°C
Therefore, a 3.0V/2.8V application with 300mA at each
output current can accept an ambient operating
temperature of 87°C in a 2mm x 2mm MLF
® package.
For a full discussion of heat sinking and thermal effects
on voltage regulators, refer to the “Regulator Thermals”
section of Micrel’s Designing with Low-Dropout Voltage
Regulators
handbook. This information can be found on
Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com