Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5331 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5331
Description  Micro-Power High Performance Dual 300mA ULDO?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5331 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5331 Datasheet HTML 1Page - Micrel Semiconductor MIC5331 Datasheet HTML 2Page - Micrel Semiconductor MIC5331 Datasheet HTML 3Page - Micrel Semiconductor MIC5331 Datasheet HTML 4Page - Micrel Semiconductor MIC5331 Datasheet HTML 5Page - Micrel Semiconductor MIC5331 Datasheet HTML 6Page - Micrel Semiconductor MIC5331 Datasheet HTML 7Page - Micrel Semiconductor MIC5331 Datasheet HTML 8Page - Micrel Semiconductor MIC5331 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
MIC5331
February 2008
3
M9999-021408-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)............................................. 0V to +6V
Enable Input Voltage (VEN1, VEN2) .......................... 0V to VIN
Power Dissipation .................................. Internally Limited
(3)
Lead Temperature (soldering, 3sec.)......................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Sensitive
(4)
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +2.3V to +5.5V
Enable Input Voltage (VEN1, VEN2) .......................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
2mm x 2mm Thin MLF-8 (
θJA) ...........................90°C/W
Electrical Characteristics
(5)
VIN = VEN1 = VEN2 = VOUT + 1.0V, higher of the two regulator outputs; IOUT1 = IOUT2 = 100µA; COUT1 = COUT2 = 1µF;
TJ = 25°C, bold values indicate –40°C < TJ < +125°C; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Variation from nominal VOUT
–1.0
+1.0
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
–2.0
+2.0
%
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.02
0.3
0.6
%/V
%/V
Load Regulation
IOUT = 100µA to 300mA
0.2
0.5
%
Dropout Voltage
IOUT = 50mA
IOUT = 300mA
20
120
40
240
mV
mV
Ground Current
VEN1 = High; VEN2 = Low; IOUT = 100µA to 300mA
VEN1 = Low; VEN2 = High; IOUT = 100µA to 300mA
VEN1 = VEN2 = High; IOUT1= 300mA, IOUT2 = 300mA
25
25
40
50
50
75
µA
µA
µA
Ground Current in Shutdown
VEN1 = VEN2 < 0.2V
0.01
1.0
µA
Ripple Rejection
f = 1kHz; COUT = 2.2µF
f = 20kHz; COUT = 2.2µF
65
45
dB
dB
Current Limit
VOUT = 0V
350
550
800
mA
Output Voltage Noise
COUT=1µF; 10Hz to 100kHz
50
µVRMS
Enable Inputs (EN1/EN2 )
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.01
1.0
µA
Enable Input Current
VIH ≥ 1.2V
0.01
1.0
µA
Turn-on Time
Turn-on Time (LDO1 and 2)
COUT = 1µF (Enable of First LDO)
COUT = 1µF (Enable of Second LDO after First Enabled)
140
110
500
500
µs
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com