Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5331 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5331
Description  Micro-Power High Performance Dual 300mA ULDO?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5331 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5331 Datasheet HTML 1Page - Micrel Semiconductor MIC5331 Datasheet HTML 2Page - Micrel Semiconductor MIC5331 Datasheet HTML 3Page - Micrel Semiconductor MIC5331 Datasheet HTML 4Page - Micrel Semiconductor MIC5331 Datasheet HTML 5Page - Micrel Semiconductor MIC5331 Datasheet HTML 6Page - Micrel Semiconductor MIC5331 Datasheet HTML 7Page - Micrel Semiconductor MIC5331 Datasheet HTML 8Page - Micrel Semiconductor MIC5331 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Micrel, Inc.
MIC5331
February 2008
2
M9999-021408-A
Ordering Information
Part Number
Manufacturing
Part Number
Marking
Voltage
Junction
Temperature Range
Package
MIC5331-1.8/1.2YMT
MIC5331-G4YMT
UG4
1.8V/1.2V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5331-2.5/1.2YMT
MIC5331-J4YMT
UJ4
2.5V/1.2V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5331-2.8/2.8YMT
MIC5331-MMYMT
UMM
2.8V/2.8V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5331-2.8/2.85YMT
MIC5331-MNYMT
UMN
2.8V/2.85V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5331-2.85/2.85YMT
MIC5331-NNYMT
UNN
2.85V/2.85V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5331-3.0/2.8YMT
MIC5331-PMYMT
UPM
3.0V/2.8V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5331-3.0/2.85YMT
MIC5331-PNYMT
UPN
3.0V/2.85V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
MIC5331-3.0/3.0YMT
MIC5331-PPYMT
UPP
3.0V/3.0V
–40° to +125°C
8-Pin 2mm x 2mm Thin MLF
®
Note:
Other voltage options available. Contact Micrel for details.
Pin Configuration
1
VIN
GND
NC
EN2
8
VOUT1
VOUT2
NC
EN1
7
6
5
2
3
4
8-Pin 2mm x 2mm Thin MLF
® (MT)
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply Input.
2
GND
Ground.
3
NC
Not Internally Connected.
4
EN2
Enable Input (Regulator 2): Active High Input. Logic High = On; Logic Low =
Off. Do not leave floating.
5
EN1
Enable Input (Regulator 1): Active High Input. Logic High = On; Logic Low =
Off. Do not leave floating.
6
NC
Not Internally Connected.
7
VOUT2
Regulator Output – LDO2.
8
VOUT1
Regulator Output – LDO1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com