Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5331 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5331
Description  Micro-Power High Performance Dual 300mA ULDO?
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5331 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5331 Datasheet HTML 1Page - Micrel Semiconductor MIC5331 Datasheet HTML 2Page - Micrel Semiconductor MIC5331 Datasheet HTML 3Page - Micrel Semiconductor MIC5331 Datasheet HTML 4Page - Micrel Semiconductor MIC5331 Datasheet HTML 5Page - Micrel Semiconductor MIC5331 Datasheet HTML 6Page - Micrel Semiconductor MIC5331 Datasheet HTML 7Page - Micrel Semiconductor MIC5331 Datasheet HTML 8Page - Micrel Semiconductor MIC5331 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC5331
February 2008
4
M9999-021408-A
Typical Characteristics
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
PSRR
FREQUENCY (Hz)
50mA
300mA
VIN = 2.3V
VOUT = 1.2V
COUT = 2.2µF
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
PSRR
FREQUENCY (Hz)
50mA
300mA
VIN = 2.3V
VOUT = 1.2V
COUT = 1µF
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
50 100 150 200 250 300
LOAD CURRENT (mA)
Dropout Voltage
vs. Load Current
VOUT = 2.8V
COUT = 1µF
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
VOUT = 2.8V
COUT = 1µF
-40 -20 0 20 40 60 80 100 120
100mA
10mA
50mA
300mA
20
22
24
26
28
30
32
34
36
38
40
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
VOUT1 = 2.5V
VOUT2 = 1.2V
COUT1 = 1µF
COUT2 = 1µF
IOUT1 = 300mA
IOUT2 = 300mA
Dual LDO Enabled
Single LDO Enabled
25
27
29
31
33
35
37
39
41
0
50 100 150 200 250 300
LOAD CURRENT (mA)
Ground Current
vs. Load Current
VIN = VOUT + 1V
VOUT1 = 2.5V
VOUT2 = 1.2V
COUT1 = 1µF
COUT2 = 1µF
Dual LDO Enabled
Single LDO Enabled
30
33
36
39
42
45
Ground Current
vs. Temperature
EN1 = EN2 = VIN
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
100mA
300mA
10mA
TEMPERATURE (°C)
-40 -20 0 20 40 60 80 100 120
2.800
2.804
2.808
2.812
2.816
2.820
0
50 100 150 200 250 300
LOAD CURRENT (mA)
Output Voltage
vs. Load Current
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
2.5
2.6
2.7
2.8
2.9
3.0
Output Voltage
vs. Temperature
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
TEMPERATURE (°C)
-40 -20 0 20 40 60 80 100 120
350
400
450
500
550
600
650
700
750
800
850
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
Current Limit
vs. Supply Voltage
CIN = 1µF
COUT = 1µF
0
0.2
0.4
0.6
0.8
1.2
1.0
Output Noise
Spectral Density
10
1K
10K 100K
FREQUENCY (Hz)
100
1M
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
Load = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com