Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 31Page - Renesas Technology Corp AT45DB021E Datasheet HTML 32Page - Renesas Technology Corp AT45DB021E Datasheet HTML 33Page - Renesas Technology Corp AT45DB021E Datasheet HTML 34Page - Renesas Technology Corp AT45DB021E Datasheet HTML 35Page - Renesas Technology Corp AT45DB021E Datasheet HTML 36Page - Renesas Technology Corp AT45DB021E Datasheet HTML 37Page - Renesas Technology Corp AT45DB021E Datasheet HTML 38Page - Renesas Technology Corp AT45DB021E Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 35
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
Figure 18. Ultra-Deep Power-Down
12.2.1
Exit Ultra-Deep Power-Down
To exit from the Ultra-Deep Power-Down mode, the CS pin must simply be pulsed by asserting the CS pin, waiting
the minimum necessary tCSLU time, and then deasserting the CS pin again. To facilitate simple software
development, a dummy byte opcode can also be entered while the CS pin is being pulsed; the dummy byte
opcode is simply ignored by the device in this case. After the CS pin has been deasserted, the device exits from
the Ultra-Deep Power-Down mode and return to the standby mode within a maximum time of tXUDPD. If the CS pin
is reasserted before the tXUDPD time has elapsed in an attempt to start a new operation, then that operation is
ignored and nothing is performed. The system must wait for the device to return to the standby mode before
normal command operations such as Continuous Array Read can be resumed.
Since the contents of the Buffer cannot be maintained while in the Ultra-Deep Power-Down mode, the Buffer
contains undefined data when the device returns to the standby mode.
Figure 19. Exit Ultra-Deep Power-Down
SCK
CS
SI
SO
MSB
ICC
23
1
0
0
67
5
4
Opcode
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
t
EUDPD
1111001
CS
SO
ICC
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tXUDPD
tCSLU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com