Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 24Page - Renesas Technology Corp AT45DB021E Datasheet HTML 25Page - Renesas Technology Corp AT45DB021E Datasheet HTML 26Page - Renesas Technology Corp AT45DB021E Datasheet HTML 27Page - Renesas Technology Corp AT45DB021E Datasheet HTML 28Page - Renesas Technology Corp AT45DB021E Datasheet HTML 29Page - Renesas Technology Corp AT45DB021E Datasheet HTML 30Page - Renesas Technology Corp AT45DB021E Datasheet HTML 31Page - Renesas Technology Corp AT45DB021E Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 28
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
10.1.2
Freeze Sector Lockdown
The Sector Lockdown command can be permanently disabled, and the current sector lockdown state can be
permanently frozen so that no additional sectors can be locked down aside from those already locked down. Any
attempts to issue the Sector Lockdown command after the Sector Lockdown State has been frozen are ignored.
To issue the Freeze Sector Lockdown command, the CS pin must be asserted and the opcode sequence of 34h,
55h, AAh, and 40h must be clocked into the device. Any additional data clocked into the device are ignored. When
the CS pin is deasserted, the current sector lockdown state is permanently frozen within a time of tLOCK. In
addition, the SLE bit in the Status Register is permanently reset to a Logic 0 to indicate that the Sector Lockdown
command is permanently disabled.
Table 17. Freeze Sector Lockdown
Figure 13. Freeze Sector Lockdown
10.2 Security Register
The device contains a specialized Security Register that can be used for purposes such as unique device
serialization or locked key storage. The register is comprised of a total of 128 bytes that is divided into two
portions. The first 64 bytes (byte locations 0 through 63) of the Security Register are allocated as an One-Time
Programmable space. Once these 64 bytes have been programmed, they cannot be erased or reprogrammed.
The remaining 64 bytes of the register (byte locations 64 through 127) are factory programmed by Renesas
Electronics and contain a unique value for each device. The factory programmed data is fixed and cannot be
changed.
Table 18. Security Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Freeze Sector Lockdown
34h
55h
AAh
40h
Security Register Byte Number
0
1
· · ·
63
64
65
· · ·
127
Data Type
One-Time User Programmable
Factory Programmed by Renesas Electronics
34h
55h
AAh
40h
CS
SI
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com