Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 35Page - Renesas Technology Corp AT45DB021E Datasheet HTML 36Page - Renesas Technology Corp AT45DB021E Datasheet HTML 37Page - Renesas Technology Corp AT45DB021E Datasheet HTML 38Page - Renesas Technology Corp AT45DB021E Datasheet HTML 39Page - Renesas Technology Corp AT45DB021E Datasheet HTML 40Page - Renesas Technology Corp AT45DB021E Datasheet HTML 41Page - Renesas Technology Corp AT45DB021E Datasheet HTML 42Page - Renesas Technology Corp AT45DB021E Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 39
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
15. Software Reset
In some applications, it can be necessary to prematurely terminate a program or erase cycle early rather than wait
the hundreds of microseconds or milliseconds necessary for the program or erase operation to complete normally.
The Software Reset command allows a program or erase operation in progress to be ended abruptly and returns
the device to an idle state.
To perform a Software Reset, the CS pin must be asserted and a 4-byte command sequence of F0h, 00h, 00h,
and 00h must be clocked into the device. Any additional data clocked into the device after the last byte are
ignored. When the CS pin is deasserted, the program or erase operation currently in progress is terminated within
a time tSWRST. Since the program or erase operation might not complete before the device is reset, the contents of
the page being programmed or erased cannot be guaranteed to be valid.
The Software Reset command has no effect on the states of the Sector Protection Register, the Sector Lockdown
Register, or the Buffer and page size configuration.
The complete 4-byte opcode must be clocked into the device before the CS pin is deasserted; otherwise, no reset
operation is performed.
Table 25. Software Reset
Figure 22. Software Reset
Command
Byte 1
Byte 2
Byte 3
Byte 4
Software Reset
F0h
00h
00h
00h
CS
SI
F0h
00h
00h
00h
Each transition represents eight bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com