Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB021E Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT45DB021E
Description  2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB021E Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT45DB021E Datasheet HTML 17Page - Renesas Technology Corp AT45DB021E Datasheet HTML 18Page - Renesas Technology Corp AT45DB021E Datasheet HTML 19Page - Renesas Technology Corp AT45DB021E Datasheet HTML 20Page - Renesas Technology Corp AT45DB021E Datasheet HTML 21Page - Renesas Technology Corp AT45DB021E Datasheet HTML 22Page - Renesas Technology Corp AT45DB021E Datasheet HTML 23Page - Renesas Technology Corp AT45DB021E Datasheet HTML 24Page - Renesas Technology Corp AT45DB021E Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
DS-AT45DB021E-8789 Rev. M
Page 21
5/16/24
© 2024 Renesas Electronics
AT45DB021E Datasheet
9.
Sector Protection
Two protection methods, hardware and software controlled, are provided for protection against inadvertent or
erroneous program and erase cycles. The software controlled method relies on the use of software commands to
enable and disable sector protection while the hardware controlled method employs the use of the Write Protect
(WP) pin. The selection of which sectors that are to be protected or unprotected against program and erase
operations is specified in the nonvolatile Sector Protection Register. The status of whether or not sector protection
has been enabled or disabled by either the software or the hardware controlled methods can be determined by
checking the Status Register.
9.1
Software Sector Protection
Software controlled protection is useful in applications in which the WP pin is not or cannot be controlled by a host
processor. In such instances, the WP pin can be left floating (the WP pin is internally pulled high) and sector
protection can be controlled using the Enable Sector Protection and Disable Sector Protection commands.
If the device is power cycled, then the software controlled protection is disabled. Once the device is powered up,
the Enable Sector Protection command must be reissued if sector protection is desired and if the WP pin is not
used.
9.1.1
Enable Sector Protection
Sectors specified for protection in the Sector Protection Register can be protected from program and erase
operations by issuing the Enable Sector Protection command. To enable the sector protection, a 4-byte command
sequence of 3Dh, 2Ah, 7Fh, and A9h must be clocked into the device. After the last bit of the opcode sequence
has been clocked in, the CS pin must be deasserted to enable the Sector Protection.
Table 5. Enable Sector Protection Command
Figure 5. Enable Sector Protection
9.1.2
Disable Sector Protection
To disable the sector protection, a 4-byte command sequence of 3Dh, 2Ah, 7Fh, and 9Ah must be clocked into the
device. After the last bit of the opcode sequence has been clocked in, the CS pin must be deasserted to disable
the sector protection.
Figure 6. Disable Sector Protection
Command
Byte 1
Byte 2
Byte 3
Byte 4
Enable Sector Protection
3Dh
2Ah
7Fh
A9h
Table 6. Disable Sector Protection Command
Command
Byte 1
Byte 2
Byte 3
Byte 4
Disable Sector Protection
3Dh
2Ah
7Fh
9Ah
3Dh
2Ah
7Fh
A9h
CS
Each transition represents eight bits
SI
3Dh
2Ah
7Fh
9Ah
CS
Each transition represents eight bits
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com