Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E-DWF Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # AT45DB321E-DWF
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E-DWF Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button AT45DB321E-DWF Datasheet HTML 34Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 35Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 36Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 37Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 38Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 39Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 40Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 41Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 38
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
9.
Additional Commands
9.1
Main Memory Page to Buffer Transfer
A page of data can be transferred from the main memory to either Buffer 1 or Buffer 2. To transfer a page of data
using the standard DataFlash page size (528 bytes), an opcode of 53h for Buffer 1 or 55h for Buffer 2 must be
clocked into the device followed by three address bytes comprised of one dummy bit, 13 page address bits (PA12
- PA0) which specify the page in main memory to be transferred, and 10 dummy bits. To transfer a page of data
using the binary page size (512 bytes), an opcode of 53h for Buffer 1 and 55h for Buffer 2 must be clocked into the
device followed by three address bytes comprised of two dummy bits, 13 page address bits (A21 - A9) which
specify the page in the main memory to be transferred, and nine dummy bits.
The CS pin must be low while toggling the SCK pin to load the opcode and the three address bytes from the input
pin (SI). The transfer of the page of data from the main memory to the buffer begins when the CS pin transitions
from a low to a high state. During the page transfer time (tXFR), the RDY/BUSY bit in the Status Register can be
read to determine whether or not the transfer has been completed.
9.2
Main Memory Page to Buffer Compare
A page of data in main memory can be compared to the data in Buffer 1 or Buffer 2 as a method to ensure that
data was successfully programmed after a Buffer to Main Memory Page Program command. To compare a page
of data with the standard DataFlash page size (528 bytes), an opcode of 60h for Buffer 1 or 61h for Buffer 2 must
be clocked into the device followed by three address bytes comprised of one dummy bit, 13 page address bits
(PA12 - PA0) which specify the page in the main memory to be compared to the buffer, and 10 dummy bits. To
compare a page of data with the binary page size (512 bytes), an opcode of 60h for Buffer 1 or 61h for Buffer 2
must be clocked into the device followed by three address bytes comprised of two dummy bits, 13 page address
bits (A21 - A9) which specify the page in the main memory to be compared to the buffer, and nine dummy bits.
The CS pin must be low while toggling the SCK pin to load the opcode and the address bytes from the input pin
(SI). On the low-to-high transition of the CS pin, the data bytes in the selected Main Memory Page are compared
with the data bytes in Buffer 1 or Buffer 2. During the compare time (tCOMP), the RDY/BUSY bit in the Status
Register indicates that the part is busy. On completion of the compare operation, bit 6 of the Status Register is
updated with the result of the compare.
9.3
Auto Page Rewrite
This command only needs to be used if the possibility exists that static (non-changing) data can be stored in a
page or pages of a sector and the other pages of the same sector are erased and programmed a large number of
times. Applications that modify data in a random fashion within a sector can fall into this category. To preserve
data integrity of a sector, each page within a sector must be updated/rewritten at least once within every 50,000
cumulative page erase/program operations within that sector. The Auto Page Rewrite command provides a simple
and efficient method to “refresh” a page in the main memory array in a single operation.
The Auto Page Rewrite command is a combination of the Main Memory Page to Buffer Transfer and Buffer to
Main Memory Page Program with Built-In Erase commands. With the Auto Page Rewrite command, a page of
data is first transferred from the main memory to Buffer 1 or Buffer 2 and then the same data (from Buffer 1 or
Buffer 2) is programmed back into the same page of main memory, essentially “refreshing” the contents of that
page. To start the Auto Page Rewrite operation with the standard DataFlash page size (528 bytes), a 1-byte
opcode, 58H for Buffer 1 or 59H for Buffer 2, must be clocked into the device followed by three address bytes
comprised of one dummy bit, 13 page address bits (PA12-PA0) that specify the page in main memory to be
rewritten, and 10 dummy bits.
To initiate an Auto Page Rewrite with the a binary page size (512 bytes), the opcode 58H for Buffer 1 or 59H for
Buffer 2, must be clocked into the device followed by three address bytes consisting of two dummy bits, 13 page
address bits (A21 - A9) that specify the page in the main memory that is to be rewritten, and nine dummy bits.
When a low-to-high transition occurs on the CS pin, the part first transfers data from the page in main memory to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com