Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E-DWF Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # AT45DB321E-DWF
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E-DWF Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button AT45DB321E-DWF Datasheet HTML 17Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 18Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 19Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 20Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 21Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 22Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 23Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 24Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 21
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
7.8
Block Erase
The Block Erase command can be used to erase a block of eight pages at one time. This command is useful when
needing to pre-erase larger amounts of memory and is more efficient than issuing eight separate Page Erase
commands.
To perform a Block Erase with the standard DataFlash page size (528 bytes), an opcode of 50h must be clocked
into the device followed by three address bytes comprised of one dummy bit, 10 page address bits (PA12 - PA3),
and 13 dummy bits. The 10 page address bits are used to specify which block of eight pages is to be erased.
To perform a Block Erase with the binary page size (512 bytes), an opcode of 50h must be clocked into the device
followed by three address bytes comprised of two dummy bits, 10 page address bits (A21 - A12), and 12 dummy
bits. The 10 page address bits are used to specify which block of eight pages is to be erased.
When a low-to-high transition occurs on the CS pin, the device erases the selected block of eight pages. The
erase operation is internally self-timed and takes place in a maximum time of tBE. During this time, the RDY/BUSY
bit in the Status Register indicates that the device is busy.
The device also incorporates an intelligent erase algorithm that can detect when a byte location fails to erase
properly. If an erase error arises, it is indicated by the EPE bit in the Status Register.
Table 2. Block Erase Addressing
PA12/
A21
PA11/
A20
PA10/
A19
PA9/
A18
PA8/
A17
PA7/
A16
PA6/
A15
PA5/
A14
PA4/
A13
PA3/
A12
PA2/
A11
PA1/
A10
PA0/
A9
Block
0
0
0
0
0
0
00
00
X
X
X
0
0
0
0
0
0
0
00
01
X
X
X
1
0
0
0
0
0
0
00
10
X
X
X
2
0
0
0
0
0
0
00
11
X
X
X
3
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1
1
1
1
1
1
11
00
X
X
X
1020
1
1
1
1
1
1
11
01
X
X
X
1021
1
1
1
1
1
1
11
10
X
X
X
1022
1
1
1
1
1
1
11
11
X
X
X
1023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com