Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E-DWF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # AT45DB321E-DWF
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E-DWF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button AT45DB321E-DWF Datasheet HTML 9Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 10Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 11Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 12Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 13Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 14Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 15Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 16Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 13
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
6.2
Continuous Array Read (High Frequency Mode: 1Bh Opcode)
This command can be used to read the main memory array sequentially at the highest possible operating clock
frequency up to the maximum specified by fCAR4. To perform a Continuous Array Read using the standard
DataFlash page size (528 bytes), the CS pin must first be asserted, and then an opcode of 1Bh must be clocked
into the device followed by three address bytes and two dummy bytes. The first 13 bits (PA12 - PA0) of the 23-bit
address sequence specify which page of the main memory array to read and the last 10 bits (BA9 - BA0) of the
23-bit address sequence specify the starting byte address within the page. To perform a Continuous Array Read
using the binary page size (512 bytes), the opcode 1Bh must be clocked into the device followed by three address
bytes (A21 - A0) and two dummy bytes. Following the dummy bytes, additional clock pulses on the SCK pin result
in data being output on the SO (Serial Output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes, and the
reading of data. When the end of a page in the main memory is reached during a Continuous Array Read, the
device continues reading at the beginning of the next page with no delays incurred during the page boundary
crossover (the crossover from the end of one page to the beginning of the next page). When the last bit in the
main memory array has been read, the device continues reading back at the beginning of the first page of
memory. As with crossing over page boundaries, no delays are incurred when wrapping around from the end of
the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The
Continuous Array Read bypasses both data buffers and leaves the contents of the buffers unchanged.
6.3
Continuous Array Read (High Frequency Mode: 0Bh Opcode)
This command can be used to read the main memory array sequentially at higher clock frequencies up to the
maximum specified by fCAR1. To perform a Continuous Array Read using the standard DataFlash page size (528
bytes), the CS pin must first be asserted, and then an opcode of 0Bh must be clocked into the device followed by
three address bytes and one dummy byte. The first 13 bits (PA12 - PA0) of the 23-bit address sequence specify
which page of the main memory array to read and the last 10 bits (BA9 - BA0) of the 23-bit address sequence
specify the starting byte address within the page. To perform a Continuous Array Read using the binary page size
(512 bytes), the opcode 0Bh must be clocked into the device followed by three address bytes (A21 - A0) and one
dummy byte. Following the dummy byte, additional clock pulses on the SCK pin results in data being output on the
SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy byte, and the
reading of data. When the end of a page in the main memory is reached during a Continuous Array Read, the
device continues reading at the beginning of the next page with no delays incurred during the page boundary
crossover (the crossover from the end of one page to the beginning of the next page). When the last bit in the
main memory array has been read, the device continues reading back at the beginning of the first page of
memory. As with crossing over page boundaries, no delays are incurred when wrapping around from the end of
the array to the beginning of the array.
A low-to-high transition on the CS pin terminates the read operation and tri-state the output pin (SO). The
maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The
Continuous Array Read bypasses both data buffers and leaves the contents of the buffers unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com