Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB321E-DWF Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # AT45DB321E-DWF
Description  32-Mbit DataFlash (with Extra 1-Mbits), 2.3 V Minimum SPI Serial Flash Memory
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB321E-DWF Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button AT45DB321E-DWF Datasheet HTML 59Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 60Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 61Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 62Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 63Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 64Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 65Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 66Page - Renesas Technology Corp AT45DB321E-DWF Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
DS-AT45DB321E-8784 Rev. N
Page 63
9/1/23
© 2023 Renesas Electronics
AT45DB321E Datasheet
21. Using the RapidS Function
To take advantage of the RapidS function's ability to operate at higher clock frequencies, a full clock cycle must be
used to transmit data back and forth across the serial bus. The DataFlash is designed to always clock its data out
on the falling edge of the SCK signal and clock data in on the rising edge of SCK.
For full clock cycle operation to be achieved, when the DataFlash is clocking data out on the falling edge of SCK,
the host controller must wait until the next falling edge of SCK to latch the data in. Similarly, the host controller
must clock its data out on the rising edge of SCK in order to give the DataFlash a full clock cycle to latch the
incoming data in on the next rising edge of SCK.
Figure 24. RapidS Mode
Figure 25. Command Sequence for Read/Write Operations for Page Size 512 bytes
(Except Status Register Read, Manufacturer and Device ID Read)
Figure 26. Command Sequence for Read/Write Operations for Page Size 528 bytes
(Except Status Register Read, Manufacturer and Device ID Read)
SCK
MOSI
MISO
1
234567
81
234567
8
MOSI = Master Out, Slave In
MISO = Master In, Slave Out
The Master is the host controller and the Slave is the DataFlash.
The Master always clocks data out on the rising edge of SCK and always clocks data in on the falling edge of SCK.
The Slave always clocks data out on the falling edge of SCK and always clocks data in on the rising edge of SCK.
A.
Master clocks out first bit of BYTE-MOSI on the rising edge of SCK
B.
Slave clocks in first bit of BYTE-MOSI on the next rising edge of SCK
C.
Master clocks out second bit of BYTE-MOSI on the same rising edge of SCK
D.
Last bit of BYTE-MOSI is clocked out from the Master
E.
Last bit of BYTE-MOSI is clocked into the slave
F.
Slave clocks out first bit of BYTE-SO
G.
Master clocks in first bit of BYTE-SO
H.
Slave clocks out second bit of BYTE-SO
I.
Master clocks in last bit of BYTE-SO
A
B
C
D
E
F
G
1
H
BYTE-MOSI
MSB
LSB
BYTE-SO
MSB
LSB
Slave
CS
I
SI (INPUT)
CMD
8-bits
8-bits
8-bits
Page Address
(A21 - A9)
LSB
X X X X X X X X
X X X X X X X X
X X X X X X X X
Byte/Buffer Address
(A8 - A0/BFA8 - BFA0)
MSB
2 Dummy
Bits
SI (INPUT)
CMD
8-bits
8-bits
8-bits
LSB
X X X X X X X X
X X X X X X X X
X X X X X X X X
MSB
Page Address
(PA12 - PA0)
Byte/Buffer Address
(BA9 - BA0/BFA9 - BFA0)
1 Dummy
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com