Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM78LR05CL Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # NJM78LR05CL
Description  SERIES REGULATOR WITH RESET FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM78LR05CL Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  NJM78LR05CL Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 8Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJM78LR05
- 2 -
Ver.2025-02-18
NJM78LR05BD/CD/BL/CL
is the NRND product.
■ PIN CONFIGURATION
■ ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
MAXIMUM RATINGS
UNIT
Input Voltage
VIN
+20
V
Power Dissipation
PD
(DIP-8)
500
(DMP8)
500*
(SIP8)
800
(SOT-89) 350
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-50 to +150
°C
*At on PC board.
■ RECOMMENDED OPERATING CONDITIONS
(Ta=25°C)
PARAMETER
SYMBOL
CONDITIONS
UNIT
Input Voltage
VIN
7.5 to 18
V
Output Current
IO
1 to 100
mA
NJM78LR05BD / CD
NJM78LR05BM / CM / DM
NJM78LR05BL / CL
NJM78LR05BU / CU / DU
PIN FUNCTION
1. INPUT
2. NC
3. Cd
4. NC
5. GND
6. RESET-OUTPUT
7. NC
8. OUTPUT
PIN FUNCTION
1. Cd
2. GND
3. RESET-OUTPUT
4. OUTPUT
5. INPUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com