Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM78LR05CL Datasheet(PDF) 5 Page - Nisshinbo Micro Devices Inc.

Part # NJM78LR05CL
Description  SERIES REGULATOR WITH RESET FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM78LR05CL Datasheet(HTML) 5 Page - Nisshinbo Micro Devices Inc.

  NJM78LR05CL Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 8Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NJM78LR05
- 5 -
Ver.2025-02-18
NJM78LR05BD/CD/BL/CL
is the NRND product.
■ TIMING CHART
○
1
When the input voltage is up to about 0.8V, some voltage is outputted at the reset output because the NJM78LR05
operation is unstable.
○
2
When the input voltage goes over about 0.8V, the reset output becomes “L”.
○
3
The output voltage is rising up with the input voltage.
○
4
When the output voltage goes over (VRT+VRTH), the delay circuit of reset output activates.
VRT : Reset Threshold Voltage
VRTH : Reset Threshold Hysterisis Voltage
○
5
After the reset output delay time td has passed, the reset output becomes “H”.
○
6
The output voltage is falling down with the input voltage.
○
7
When the output voltage is less than VRT, the reset output becomes “L”.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com