Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM78LR05CL Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # NJM78LR05CL
Description  SERIES REGULATOR WITH RESET FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM78LR05CL Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  NJM78LR05CL Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 8Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NJM78LR05
- 3 -
Ver.2025-02-18
NJM78LR05BD/CD/BL/CL
is the NRND product.
■ ELECTRICAL CHARACTERISTICS
(VIN=10V, IO=40mA, CIN=1μF, CO=10μF, Ta=25°C)
[Power Supply Block]
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VO
IO=1mA
4.80
5.00
5.20
V
Quiescent Current
IQ
IO=100mA
-
1.40
3.40
mA
Output Short Current
IOSC
OUTPUT-GND short
150
300
450
mA
Line Regulation 1
ΔVO / VIN1
7V ≤ VIN ≤ 18V
-
6.0
65.0
mV
Line Regulation 2
ΔVO / VIN2
8V ≤ VIN ≤ 18V
-
3.0
42.0
mV
Load Regulation 1
ΔVO / IO1
IO=1 to 100mA
-
9.0
60.0
mV
Load Regulation 2
ΔVO / IO2
IO=1 to 40mA
-
3.0
30.0
mV
Ripple Rejection
RR
f=120Hz, ein=1VP-P, VIN=8 to 18V
-
79
-
dB
Output Noise Voltage
VNO
10Hz ≤ f ≤ 100kHz, IO=1mA
-
80
-
μV
Dropout Voltage
ΔVI-O
-
1.5
2.2
V
[Reset Block]
(H) Reset Output Voltage
VORH
4.80
5.00
5.20
V
(L) Reset Output Voltage
VORL
VIN=3V, IO=1mA
-
10
200
mV
Reset Threshold Voltage
VRT
B Version
4.12
4.30
4.48
V
C Version
4.03
4.20
4.37
D Version
3.84
4.00
4.16
Reset Threshold Hysteresis Voltage
VRTH
50
100
200
mV
Reset Output Delay Time
td
Cd=0.1μF
7.50
10.0
12.5
ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com