Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM78LR05CL Datasheet(PDF) 1 Page - Nisshinbo Micro Devices Inc.

Part # NJM78LR05CL
Description  SERIES REGULATOR WITH RESET FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJM78LR05CL Datasheet(HTML) 1 Page - Nisshinbo Micro Devices Inc.

  NJM78LR05CL Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. NJM78LR05CL Datasheet HTML 8Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NJM78LR05
- 1 -
Ver.2025-02-18
NJM78LR05BD/CD/BL/CL
is the NRND product.
SERIES REGULATOR WITH RESET FUNCTION
■ GENERAL DESCRIPTION
■ PACKAGE OUTLINE
The NJM78LR05 is a series regulator with reset
function.
In case of shut down or output voltage drop, the IC
generates reset signal to a microcomputer.
That is suitable for items with microcomputer, such
as TV sets, remote controller, refrigerator and others.
■ FEATURES
● Output Current
IO=150mA max.
● Reset Function Including
● Reset Delay Time can be Adjusted
by an External Capacitance.
● Internal Over Current Protection
● Thermal Shut Down
● Bipolar Technology
● package Outline
DIP8, DMP8, SIP8, SOT-89 (5Pin)
■ RESET THRESHOLD VOLTAGE LINE-UP
Reset Threshold Voltage
Version
Part Number
4.0V
D
NJM78LR05DX
4.2V
C
NJM78LR05CX
4.3V
B
NJM78LR05BX
“X” is package suffix.
■ BLOCK DIAGRAM
NJM78LR05BD / CD
NJM78LR05BM / CM / DM
NJM78LR05BL / CL
NJM78LR05BU / CU / DU
NRND
NRND


Similar Part No. - NJM78LR05CL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78LR05CL NJRC-NJM78LR05CL Datasheet
270Kb / 9P
SERIES REGULATOR WITH RESET FUNCTION
More results

Similar Description - NJM78LR05CL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM78LR05 NJRC-NJM78LR05 Datasheet
270Kb / 9P
SERIES REGULATOR WITH RESET FUNCTION
logo
Sanken electric
SI-3011S SANKEN-SI-3011S Datasheet
35Kb / 3P
Dropper Type Regulator with Reset Function
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05 Datasheet
166Kb / 6P
150mA, 5V 5-Pin Voltage Regulator with Reset Function
L88R05 SANYO-L88R05 Datasheet
122Kb / 6P
5V, 1A Voltage-regulator ICs with Reset Function
logo
Seiko Instruments Inc
S-87X SII-S-87X Datasheet
1Mb / 29P
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Richtek Technology Corp...
RT9006A RICHTEK-RT9006A Datasheet
201Kb / 10P
Dual LDO Regulator with Reset Function
logo
Seiko Instruments Inc
S-87X SII-S-87X_1 Datasheet
438Kb / 53P
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
Sanyo Semicon Device
L78LR05 SANYO-L78LR05_09 Datasheet
181Kb / 6P
150mA, 5V 5-Pin Voltage Regulator with Reset Function
logo
Seiko Instruments Inc
S-19311BF2A-V5T2U4 SII-S-19311BF2A-V5T2U4 Datasheet
3Mb / 39P
CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com