Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6041 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC6041
Description  TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6041 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC6041 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC6041
2006-06-20
4
0.01
0.1
1
10
100
1
10
100
1000
Safe Operating Area
※ Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly w ith increase in
temperature.
VCEO max
Collector-emitter voltage
VCE (V)
DC operation
(T
c=25° C )
Ic max (continuous)
10 ms※
1 ms※
100 ms※
100 μs※
10 μs※
Ic max (pulsed)※
0.001
0.01
0.1
1
10
0.00001 0.0001
0.001
0.01
0.1
1
10
100
1000
TC = 25°C (infinite heat sink)
Curves s hould be applied in the
therm al lim ited area.
(Single nonrepetitive puls e)
10μ
100μ
1 m
10 m
  100 m
rth(j-c) - tw
Pulse width tw (s)
0.001
0.01
0.1
1
10
100
10
100
1000
10000
1700V,10mA
@ Ta = 25°C
Nonrepeated pulse
l
B2=-3A / L = 500 µs
VCBO max
Collector-emitter voltage
VCE (V)
440 V,30 A
Ic max (30A)
Reverse Bias-Safe Operating Aria
0
20
40
60
80
100
0
25
50
75
100 125 150 175
Infinite heat sink
PC-TC
Case temperature
TC (°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com