Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6041 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC6041
Description  TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6041 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC6041 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SC6041
2006-06-20
1
TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
2SC6041
Horizontal Deflection Output for HDTV,
Digital TV, Projection TV.
High voltage
: VCBO = 1700 V
Low saturation voltage
: VCE (sat) = 1.5 V (max)
High speed
: tf = 0.15 µs (typ.)
Collector metal (fin) is fully covered with mold resin.
Maximum Ratings (TC = 25°C)
Characteristic
Symbol
Rating
Unit
Collector−base voltage
VCBO
1700
V
Collector−emitter voltage
VCEO
750
V
Emitter−base voltage
VEBO
5
V
DC
IC
15
Collector current
Pulse
ICP
30
A
Base current
IB
7.5
A
Collector power dissipation
PC
70
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Marking
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-16E3A
Weight: 5.5 g (typ.)
C6041
TOSHIBA
Part No. (or abbreviation code)
Lot No.
A line indicates a
lead (Pb)-free package or
lead (Pb)-free finish.


Similar Part No. - 2SC6041

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
2SC6040 TOSHIBA-2SC6040 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC6042 TOSHIBA-2SC6042 Datasheet
182Kb / 5P
Silicon NPN Triple Diffused Type
2SC6042 TOSHIBA-2SC6042 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Sanyo Semicon Device
2SC6043 SANYO-2SC6043 Datasheet
39Kb / 4P
NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
More results

Similar Description - 2SC6041

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5446 TOSHIBA-2SC5446 Datasheet
243Kb / 5P
Transistor Silicon NPN Triple Diffused Mesa Type
2SC5716 TOSHIBA-2SC5716 Datasheet
137Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SD2638 TOSHIBA-2SD2638 Datasheet
139Kb / 5P
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SC5279 TOSHIBA-2SC5279 Datasheet
134Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
2SD1279 TOSHIBA-2SD1279 Datasheet
96Kb / 3P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
2SC5859 TOSHIBA-2SC5859 Datasheet
200Kb / 5P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
GTM CORPORATION
GE13005 GTM-GE13005 Datasheet
327Kb / 3P
NPN SILICON TRIPLE DIFFUSED MESA TYPE TRANSISTOR
GE13007 GTM-GE13007 Datasheet
304Kb / 3P
NPN SILICON TRIPLE DIFFUSED MESA TYPE TRANSISTOR
logo
Tiger Electronic Co.,Lt...
2SD2553 TGS-2SD2553 Datasheet
138Kb / 1P
SILICON NPN TRIPLE DIFFUSED MESA TYPE
logo
Toshiba Semiconductor
2SD525 TOSHIBA-2SD525 Datasheet
196Kb / 3P
TOSHIBA TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com