Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6041 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC6041
Description  TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6041 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC6041 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC6041
2006-06-20
3
0
4
8
12
16
20
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Com m on em itter
VCE = 5 V
TC = 100°C
- 25
25
IC-VBE
Bas e-em itter voltage VBE (V)
0
4
8
12
16
20
02
4
6
8
10
Com m on em itter
TC = 25°C
0.4
0.6
0.8
1.0
1.2
2
3
2.5
1.5
IB=0.2A
3.5
4
Collector - em itter voltage VCE (V)
IC-VCE
1
10
100
0.01
0.1
1
10
100
Com m on em itter
VCE = 5 V
100
TC = - 25°C
hFE-IC
Collector current IC (A)
25
0.01
0.1
1
10
1
10
100
IC/IB=4
6
8
10
Com m on em itter
TC=-25°C
VCE(sat)-IC
Collector current IC (A)
0.01
0.1
1
10
1
10
100
IC/IB=4
6
8
10
Com m on em itter
TC = 25°C
VCE(sat)-IC
Collector current IC (A)
0.01
0.1
1
10
1
10
100
IC/IB=4
6
8
10
Com m on em itter
TC = 100°C
VCE(sat)-IC
Collector current IC (A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com