Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6041 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC6041
Description  TOSHIBA Transistor Silicon NPN Triple-Diffused Mesa Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC6041 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC6041 Datasheet HTML 1Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 2Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 3Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 4Page - Toshiba Semiconductor 2SC6041 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC6041
2006-06-20
2
Electrical Characteristics (TC = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cutoff current
ICBO
VCB = 1700 V, IE = 0
―
―
1
mA
Emitter cutoff current
IEBO
VEB = 5 V, IC = 0
―
―
100
µA
Emitter–base breakdown voltage
V (BR) EBO
IE = 1 mA, IB = 0
5
―
―
V
hFE (1)
VCE = 5 V, IC = 2 A
30
―
60
hFE (2)
VCE = 5 V, IC = 8 A
8
―
12
DC current gain
hFE (3)
VCE = 5 V, IC = 12 A
5
―
7
―
Collector–emitter saturation voltage
VCE (sat)
IC = 12 A, IB = 3 A
―
―
1.5
V
Base–emitter saturation voltage
VBE (sat)
IC = 12 A, IB = 3 A
―
―
1.25
V
Transition frequency
fT
VCE = 10 V, IC = 0.1 A
―
2
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
260
―
pF
Storage time
tstg
―
4
―
Switching time
Fall time
tf
ICP = 6 A, IB1 (end) = 0.8 A
fH = 32 kHz
―
0.15
―
µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com