Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M24256
Description  256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M24256 Datasheet HTML 8Page - STMicroelectronics M24256 Datasheet HTML 9Page - STMicroelectronics M24256 Datasheet HTML 10Page - STMicroelectronics M24256 Datasheet HTML 11Page - STMicroelectronics M24256 Datasheet HTML 12Page - STMicroelectronics M24256 Datasheet HTML 13Page - STMicroelectronics M24256 Datasheet HTML 14Page - STMicroelectronics M24256 Datasheet HTML 15Page - STMicroelectronics M24256 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
M24256, M24128
12/17
Table 11. Ordering Information Scheme
Note: 1. Available only on request.
2. Available for M24128 only.
3. Available for M24256 only.
Example:
M24256
– W
MN
1
T
Memory Capacity
Option
256
256 Kbit (32K x 8)
T
Tape and Reel Packing
128
128 Kbit (16K x 8)
Temperature Range
6
–40 °C to 85 °C
5
–20 °C to 85 °C
Operating Voltage
blank1 4.5 V to 5.5 V
Package
W
2.5 V to 5.5 V
BN
PDIP8 (0.25 mm frame)
MN2 SO8 (150 mil width)
MW3 SO8 (200 mil width)
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all 1s (FFh).
The notation used for the device number is as
shown in Table 11. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact your
nearest ST Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com