Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24256
Description  256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24256 Datasheet HTML 9Page - STMicroelectronics M24256 Datasheet HTML 10Page - STMicroelectronics M24256 Datasheet HTML 11Page - STMicroelectronics M24256 Datasheet HTML 12Page - STMicroelectronics M24256 Datasheet HTML 13Page - STMicroelectronics M24256 Datasheet HTML 14Page - STMicroelectronics M24256 Datasheet HTML 15Page - STMicroelectronics M24256 Datasheet HTML 16Page - STMicroelectronics M24256 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
M24256, M24128
PDIP8 – 8 pin Plastic DIP, 0.25mm lead frame
Note: 1. Drawing is not to scale.
PDIP-8
A2
A1
A
L
be
D
E1
8
1
c
eA
b2
eB
E
PDIP8 – 8 pin Plastic DIP, 0.25mm lead frame
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
5.33
0.210
A1
0.38
0.015
A2
3.30
2.92
4.95
0.130
0.115
0.195
b
0.46
0.36
0.56
0.018
0.014
0.022
b2
1.52
1.14
1.78
0.060
0.045
0.070
c
0.25
0.20
0.36
0.010
0.008
0.014
D
9.27
9.02
10.16
0.365
0.355
0.400
E
7.87
7.62
8.26
0.310
0.300
0.325
E1
6.35
6.10
7.11
0.250
0.240
0.280
e
2.54
0.100
eA
7.62
0.300
eB
10.92
0.430
L
3.30
2.92
3.81
0.130
0.115
0.150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com