Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M24256
Description  256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256 Datasheet(HTML) 4 Page - STMicroelectronics

  M24256 Datasheet HTML 1Page - STMicroelectronics M24256 Datasheet HTML 2Page - STMicroelectronics M24256 Datasheet HTML 3Page - STMicroelectronics M24256 Datasheet HTML 4Page - STMicroelectronics M24256 Datasheet HTML 5Page - STMicroelectronics M24256 Datasheet HTML 6Page - STMicroelectronics M24256 Datasheet HTML 7Page - STMicroelectronics M24256 Datasheet HTML 8Page - STMicroelectronics M24256 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
M24256, M24128
4/17
must be stable during the clock low-to-high transi-
tion, and the data must change
only when the SCL
line is low.
Memory Addressing
To start communication between the bus master
and the slave memory, the master must initiate a
START condition. Following this, the master sends
the 8-bit byte, shown in Table 3, on the SDA bus
line (most significant bit first). This consists of the
7-bit Device Select Code, and the 1-bit Read/Write
Designator (RW). The Device Select Code is fur-
ther subdivided into: a 4-bit Device Type Identifier,
and a 3-bit Chip Enable “Address” (0, 0, 0).
To address the memory array, the 4-bit Device
Type Identifier is 1010b.
The 8th bit is the RW bit. This is set to ‘1’ for read
and ‘0’ for write operations. If a match occurs on
the Device Select Code, the corresponding mem-
ory gives an acknowledgment on the SDA bus dur-
ing the 9th bit time. If the memory does not match
the Device Select Code, it deselects itself from the
bus, and goes into stand-by mode.
Figure 4. I2C Bus Protocol
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
AI00792B
STOP
Condition
1
23
7
89
MSB
ACK
START
Condition
SCL
1
23
7
89
MSB
ACK
STOP
Condition
Table 3. Device Select Code 1
Note: 1. The most significant bit, b7, is sent first.
Device Type Identifier
Chip Enable
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device Select Code
1
0
1
0
0
0
0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com