Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M24256
Description  256/128 Kbit Serial I²C Bus EEPROM Without Chip Enable Lines
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M24256 Datasheet HTML 9Page - STMicroelectronics M24256 Datasheet HTML 10Page - STMicroelectronics M24256 Datasheet HTML 11Page - STMicroelectronics M24256 Datasheet HTML 12Page - STMicroelectronics M24256 Datasheet HTML 13Page - STMicroelectronics M24256 Datasheet HTML 14Page - STMicroelectronics M24256 Datasheet HTML 15Page - STMicroelectronics M24256 Datasheet HTML 16Page - STMicroelectronics M24256 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15/17
M24256, M24128
SO8 wide – 8 lead Plastic Small Outline, 200 mils body width
Note: Drawing is not to scale.
SO-b
E
N
CP
B
e
A2
D
C
L
A1
α
H
A
1
SO8 wide – 8 lead Plastic Small Outline, 200 mils body width
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
2.03
0.080
A1
0.10
0.25
0.004
0.010
A2
1.78
0.070
B
0.35
0.45
0.014
0.018
C
0.20
–
–
0.008
–
–
D
5.15
5.35
0.203
0.211
E
5.20
5.40
0.205
0.213
e
1.27
–
–
0.050
–
–
H
7.70
8.10
0.303
0.319
L
0.50
0.80
0.020
0.031
α
0°
10°
0°
10°
N8
8
CP
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com