Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS660LSB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ATS660LSB
Description  True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS660LSB Datasheet(HTML) 5 Page - Allegro MicroSystems

  ATS660LSB_06 Datasheet HTML 1Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 2Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 3Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 4Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 5Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 6Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 7Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 8Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS660LSB
TRUE ZERO-SPEED,
HALL-EFFECT ADAPTIVE
GEAR-TOOTH SENSOR
4
OPERATION with reference gear at T
A = +25°C.
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Air-Gap Range
AG
Operational
0.5
2.5
mm
Calibration Cycle
n
cal
Output edges before which
2
6
Edges
calibration is completed
Recalibration (Update)
n
rcal
Operating
646464Teeth
Minimum Speed
v
min
Teeth (cycles) per second
0
kHz
Maximum Speed
v
max
Teeth (cycles) per second
20
kHz
Duty Cycle Range
DC
1000 rpm, 0.5 mm < AG < 2.0 mm
±5%
REFERENCE GEAR DIMENSIONS
Limits
Characteristic
Symbol
Description
Min.
Typ.
Max.
Units
Diameter
D
O
120
mm
Tooth Width
T
3.0
mm
Valley Width
(p
C – T)
3.0
mm
Valley Depth
h
t
3.0
mm
Thickness
F
3.0
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com