Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS660LSB Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS660LSB
Description  True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS660LSB Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS660LSB_06 Datasheet HTML 8Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 9Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 10Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 11Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 12Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 13Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 14Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 15Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ATS660LSB
TRUE ZERO-SPEED,
HALL-EFFECT ADAPTIVE
GEAR-TOOTH SENSOR
www.allegromicro.com
11
APPLICATIONS INFORMATION — Continued
Dwg. MH-018-5 mm
A
2.2
α
TARGET FACE WIDTH, F
>2.2 SIN
α
Recommended evaluation technique. The self-
calibrating feature of the ATS660LSB requires that a
special evaluation technique be used to measure its high-
accuracy performance capabilities. Installation inaccura-
cies are calibrated out at power on; hence, it is extremely
important that the device be repowered at each air gap
when gathering duty cycle data.
The ATS660LSB is designed to minimize performance
variation (caused by the large air-gap variations resulting
from installation) by self-calibrating at power-on. These
functions should be tested using the procedures described
below.
Duty cycle capabilities after correct self-calibration can
be measured as follows:
1. Set the air gap to the desired value.
2. Power down and then power up the device.
3. Rotate the gear at the desired speed.
4. Wait for calibration to complete (64 output pulses to
occur).
5. Monitor output for correct switching and measure
accuracy.
6. Repeat the above for multiple air gaps within the
operating range of the device.
7. This can be repeated over the entire operating tem-
perature range.
There is an internal update algorithm that will maintain
the correct duty cycle as air gap changes with temperature.
Large changes in air gap will require the part to be reset
(by cycling power) to maintain the correct duty cycle.
Measurement of the effect of changing air gap after
power up:
1. Set the air gap to the desired value (nominal, for
example). Rotate the gear at the desired speed. Apply
power to the module. Wait for 64 output pulses to occur.
Monitor output for correct switching and measure accu-
racy.
2. Change the air gap by
±0.25 mm. Do not re-power the
module. Wait for update algorithm to finish adjusting
thresholds, typically 1 to 2 rotations on a 60-tooth gear.
Operation with fine-pitch gears. For targets with a
circular pitch of less than 4mm, a performance improve-
ment can be observed by rotating the front face of the
sensor. This sensor rotation decreases the effective
sensor-to-sensor spacing and increases the capability of
detecting fine tooth or valley configurations, provided that
the Hall elements are not rotated beyond the width of the
target.
Allegro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com