Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS660LSB Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS660LSB
Description  True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS660LSB Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS660LSB_06 Datasheet HTML 4Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 5Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 6Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 7Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 8Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 9Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 10Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 11Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ATS660LSB
TRUE ZERO-SPEED,
HALL-EFFECT ADAPTIVE
GEAR-TOOTH SENSOR
www.allegromicro.com
7
DEVICE DESCRIPTION
Module description. The ATS660LSB true zero-speed
gear-tooth sensor system is a Hall IC + magnet configura-
tion that is fully optimized to provide digital detection of
gear-tooth* edges in a small package size. The sensor is
packaged in a miniature plastic housing that has been
optimized for size, ease of assembly, and
manufacturability. High operating-temperature materials
are used in all aspects of construction.
The use of the sensor is simple. After correct power is
applied to the component, it is capable of instantly provid-
ing digital information that is representative of the profile
of a rotating gear. No additional optimization or process-
ing circuitry is required. This ease of use should reduce
design time and incremental assembly costs for most
applications.
Sensing technology. The gear-tooth sensor module
contains a single-chip differential Hall-effect sensor IC, a
samarium-cobalt magnet, and a flat ferrous pole piece.
The Hall IC consists of two Hall elements spaced 2.2 mm
apart, located so as to measure the magnetic gradient
created by the passing of a ferrous object (a gear tooth).
The two elements measure the field gradient and convert it
to a voltage that is then processed to provide a digital
output signal.
Magnetic signal
Elecrtical signal after gain control
* In application, the terms “gear” and “target” are often inter-
changed. However, “gear” is preferred when motion is trans-
ferred.
Internal electronics. The ATS660LSB is a self-
calibrating sensor that contains two Hall-effect elements, a
temperature-compensated amplifier, and offset cancella-
tion circuitry. Also contained in the device is a voltage
regulator to provide supply rejection over the operating
voltage range.
The self-calibrating circuitry is unique. After power up,
the device measures the peak-to-peak magnetic signal and
adjusts the gain using an on-chip D-to-A converter to
make the internal signal amplitude constant independent of
the installation air gap of the sensor. This feature allows
air-gap-independent operational characteristics.
-1000
RELATIVE TARGET POSITION
Dwg. GH-061-2
-800
-600
-400
-200
0
200
400
600
800
1000
AG = 2.75 mm
0.25 mm INTERVALS
AG = 0.25 mm
-1000
RELATIVE TARGET POSITION
Dwg. GH-061-3
-800
-600
-400
-200
0
200
400
600
800
1000
AG = 2.75 mm
AG = 0.25 mm
Dwg. MH-016-4
SENSOR
SOUTH
NORTH
PERMANENT
MAGNET
POLE PIECE
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com