Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS660LSB Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS660LSB
Description  True Zero Speed Hall Effect Adaptive Gear Tooth Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS660LSB Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS660LSB_06 Datasheet HTML 9Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 10Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 11Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 12Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 13Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 14Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 15Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 16Page - Allegro MicroSystems ATS660LSB_06 Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS660LSB
TRUE ZERO-SPEED,
HALL-EFFECT ADAPTIVE
GEAR-TOOTH SENSOR
12
CRITERIA FOR DEVICE QUALIFICATION
All Allegro sensors are subjected to stringent qualification requirements prior to being released to production. To
become qualified, except for the destructive ESD tests, no failures are permitted.
Test Method and
Samples
Qualification Test
Test Conditions
Test Length
Per Lot
Comments
Temperature Humidity
JESD22-A101,
1000 hrs
77
Device biased for
Bias Life
TA = 85°C, RH = 85%
minimum power
Bias Life
JESD22-A108,
1000 hrs
77
TA = 150°C, TJ ≤ 165°C
(Surge Operating Life)
TA = 175°C, TJ ≤ 190°C
168 hrs
77
Autoclave, Unbiased
JESD22-A102,
96 hrs
77
TA = 121°C, 15 psig
High-Temperature
JESD22-A103,
1000 hrs
77
(Bake) Storage Life
TA = 170°C
Temperature Cycle
JESD22-A104
1000 cycles
77
-55
°C to +150°C
ESD,
CDF-AEC-Q100-002
Pre/Post
3 per
Test to failure
Human Body Model
Reading
test
All leads > x kV
Signal timing accuracy. The magnetic field profile
width is defined by the sensor element spacing and nar-
rows in degrees as the target diameter increases. This
results in improved timing accuracy performance for larger
gear diameters (for the same number of gear teeth).
Valley-to-tooth transistions will generally provide better
accuracy than tooth-to-valley transitions for large-tooth or
large-valley configurations. For highest accuracy, targets
greater than 100mm in diameter should be used.
Signal duty cycle. For repetitive target structures,
precise duty cycle is maintained over the operating air gap
and temperature range due to an extremely good symmetry
in the magnetic switch points and the internal self calibra-
tion of the device. For irregular tooth geometries, there
will be a small but measureable change in pulse width
versus air gap.
Additional applications Information on gear-tooth
and other Hall-effect sensors is also available in the “Hall-
Effect IC Applications Guide”, which can be found in the
latest issue of the Allegro MicroSystems Electronic Data
Book, AMS-702 or Application Note 27701, or at
www.allegromicro.com
APPLICATIONS INFORMATION — Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com