Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3400C Datasheet(PDF) 39 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 39 Page - Micronas

Back Button MSP3400C Datasheet HTML 35Page - Micronas MSP3400C Datasheet HTML 36Page - Micronas MSP3400C Datasheet HTML 37Page - Micronas MSP3400C Datasheet HTML 38Page - Micronas MSP3400C Datasheet HTML 39Page - Micronas MSP3400C Datasheet HTML 40Page - Micronas MSP3400C Datasheet HTML 41Page - Micronas MSP3400C Datasheet HTML 42Page - Micronas MSP3400C Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
39
7.1.21. Equalizer Loudspeaker Channel
Band 1 (below 120 Hz)
0021hex
H
Band 2 (Center: 500 Hz)
0022hex
H
Band 3 (Center: 1.5 kHz)
0023hex
H
Band 4 (Center: 5 kHz)
0024hex
H
Band 5 (above 10kHz)
0025hex
H
+12 dB
0110 0000
60hex
+11 dB
0101 1000
58hex
+1 dB
0000 1000
08hex
+1/8 dB
0000 0001
01hex
0 dB
0000 0000
00hex
RESET
–1/8 dB
1111 1111
FFhex
–1 dB
1111 1000
F8hex
–11dB
1010 1000
A8hex
–12 dB
1010 0000
A0hex
With positive equalizer settings, internal overflow may
occur even with overall volume less than 0 dB. This will
lead to a clipped output signal. Therefore, it is not recom-
mended to set equalizer bands to a value that, in con-
junction with volume, would result in an overall positive
gain.
Equalizer must not be used simultaneously with Bass
and Treble (Mode Tone Control must be set to FF to use
the Equalizer).
7.1.22. Automatic Volume Correction (AVC)
AVC
on/off
0029hex
[15:12]
AVC
off and Reset
of int. variables
0000
0hex
RESET
AVC
on
1000
8hex
AVC
Decay Time
0029hex
[11:8]
8 sec
(long)
4 sec
(middle)
2 sec
(short)
20 ms (very short)
1000
8hex
0100
4hex
0010
2hex
0001
1hex
Different sound sources (e.g. Terrestrial channels, SAT
channels or SCART) fairly often don’t have the same
volume level. Advertisement during movies as well has
mostly a different (higher) volume level, than the movie
itself. The Automatic Volume Correction (AVC) solves
this problem and equalizes the volume levels.
The absolute value of the incoming signal is fed into a
filter with 16ms attack time and selectable decay time.
The decay time must be adjusted as shown in the table
above. This attack/decay filter block works similar to a
peak hold function. The volume correction value with it’s
quasi continuous step width is calculated using the at-
tack/decay filter output.
The Automatic Volume Correction works with an internal
reference level of –18 dBFS. This means, input signals
with a volume level of –18 dBFS will not be affected by
the AVC. If the input signals vary in a range of –24 dB to
0 dB the AVC compensates this.
Example: A static input signal of 1 kHz on Scart has an
output level as shown in the table below.
Scart Input
0dbr = 2 Vrms
Volume
Correc-
tion
Main Output
0dBr = 1.4 Vrms
0 dBr
–18 dB
–18 dBr
–6 dBr
–12 dB
–18 dBr
–12 dBr
–6 dB
–18 dBr
–18 dBr
–0 dB
–18 dBr
–24 dBr
+ 6 dB
–18 dBr
–30 dBr
+ 6 dB
–24 dBr
Loudspeaker Volume = 73h = 0 dBFS
Scart Prescale = 20h i.e. 2.0 Vrms = 0dBFS
To reset the internal variables, the AVC should be
switched off and on during any channel or source
change. For standard applications, the recommended
decay time is 4sec.
Note: AVC should not be used in any Dolby Prologic
modes, except PANORAMA, where no other than the
loudspeaker output is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com