Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3400C Datasheet(PDF) 22 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 22 Page - Micronas

Back Button MSP3400C Datasheet HTML 18Page - Micronas MSP3400C Datasheet HTML 19Page - Micronas MSP3400C Datasheet HTML 20Page - Micronas MSP3400C Datasheet HTML 21Page - Micronas MSP3400C Datasheet HTML 22Page - Micronas MSP3400C Datasheet HTML 23Page - Micronas MSP3400C Datasheet HTML 24Page - Micronas MSP3400C Datasheet HTML 25Page - Micronas MSP3400C Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
PRELIMINARY DATA SHEET
MSP 3400C
MICRONAS INTERMETALL
22
Table 6–6: AD_CV parameters for constant input gain (AD_CV[7]=0)
Step
AD_CV
[6:1]
Constant Gain
Gain
Input Level at pin ANA_IN1+ and ANA_IN2+
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
000000
000001
000010
000011
000100
000101
000110
000111
001000
001001
001010
001011
001100
001101
001110
001111
010000
010001
010010
010011
010100
3.00 dB
3.85 dB
4.70 dB
5.55 dB
6.40 dB
7.25 dB
8.10 dB
8.95 dB
9.80 dB
10.65 dB
11.50 dB
12.35 dB
13.20 dB
14.05 dB
14.90 dB
15.75 dB
16.60 dB
17.45 dB
18.30 dB
19.15 dB
20.00 dB
maximum input level1): 3 Vpp (FM) or 1.4 Vpp (AM)
maximum input level: 0.14 Vpp1)
1) For signals above 1.4 Vpp, the minimum gain of 3 dB is switched and overflow of the AD converter may result. Due
to the robustness of the internal processing in FM mode, the IC works properly up to and even more than 3 Vpp. In AM
mode, of course, no AD converter overflow is allowed. As a consequence, in the AM-mode, the maximum input at pins
41 or 43 must not exceed 1.4 Vpp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com