Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3400C Datasheet(PDF) 9 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 9 Page - Micronas

Back Button MSP3400C Datasheet HTML 5Page - Micronas MSP3400C Datasheet HTML 6Page - Micronas MSP3400C Datasheet HTML 7Page - Micronas MSP3400C Datasheet HTML 8Page - Micronas MSP3400C Datasheet HTML 9Page - Micronas MSP3400C Datasheet HTML 10Page - Micronas MSP3400C Datasheet HTML 11Page - Micronas MSP3400C Datasheet HTML 12Page - Micronas MSP3400C Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
9
4. Architecture of the MSP 3400C
Fig. 4–1 shows a simplified block diagram of the IC. Its
architecture is split into three functional blocks:
1. demodulator section
2. digital signal processing (DSP) section performing
audio baseband processing
3. analog section containing two A/D-converters,
6 D/A-converters, and SCART switching facilities
4.1. Demodulator Block
4.1.1. Analog Sound IF – Input Section
The input pins ANA_IN1+, ANA_IN2+, and ANA_IN–
offer the possibility to connect two different sound IF
sources to the MSP 3400C. By means of bit [8] of
AD_CV (see Table 6–3), either terrestrial or satellite
sound IF signals can be selected. The analog-to-digital
conversion of the preselected sound IF signal is done by
a flash-converter, whose output can be used to control
an automatic gain circuit (AGC), providing optimum level
for a wide range of input levels. It is possible to switch
between automatic gain control and a fixed (setable) in-
put gain. In the optimum case, the input range of the A/D
converter is completely covered by the sound IF source.
Some combinations of SAW filters and sound IF mixer
ICs, however, show large picture components on their
outputs. In this case, filtering is recommended. It was
found that the high pass filters formed by the coupling
capacitors at pins ANA_IN1+ and ANA_IN2+ as shown
in the application diagram are sufficient in most cases.
4.1.2. Quadrature Mixers
The digital input coming from the integrated A/D conver-
ter may contain audio information at a frequency range
of theoretically 0 to 9 MHz corresponding to the selected
standards. By means of two programmable quadrature
mixers two different audio sources, for example FM1
and FM2, may be shifted into baseband position. In the
following, the two main channels are provided to pro-
cess either:
– FM mono (channel 2) or
– FM2 (channel 1) and FM1 (channel 2).
Two independent digital oscillators are provided to gen-
erate two pairs of sin/cos-functions. Two programmable
increments, to be divided up into Low- and High Part, de-
termine frequency of the oscillator, which corresponds
to the frequency of the desired audio carrier. In section
6.1., format and values of the increments are listed.
Demodulator
DFP
Sound IF
Loudspeaker
DACM_L
DACA_L
SC1_OUT_L
Headphone
Mono
SCART1
SCART2
D/A
D/A
D/A
D/A
D/A
D/A
SCART3
SCART 1
SCART 2
FM1 / AM
FM2
SCART_L
SCART_R
SCART_L
SCART_R
I2SL/R
HEADPHONE L
HEADPHONE R
LOUD-
SPEAKER R
LOUD-
SPEAKER L
IDENT
A/D
A/D
DACM_R
DACA_R
SC1_OUT_R
SC2_OUT_L
SC2_OUT_R
ANA_IN1+
ANA_IN2+
MONO_IN
SC1_IN_L
SC1_IN_R
SC2_IN_L
SC2_IN_R
SC3_IN_L
SC3_IN_R
S_CL / ADR_CL
S_DA_IN / ADR_DA
I2S_WS
SBUS/ADR Interface
Fig. 4–1: Architecture of the MSP 3400C
SCART Switching Facilities
I2S1/2L/R
I2S_CL
I2S_DA_IN_1/2
I2S_DA_OUT
I2S Interface
S_ID / ADR_WS
S1..4
XTAL_IN
AUD_CL_OUT
Audio PLL
XTAL_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com