Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP3400C Datasheet(PDF) 21 Page - Micronas

Part # MSP3400C
Description  Multistandard Sound Processor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP3400C Datasheet(HTML) 21 Page - Micronas

Back Button MSP3400C Datasheet HTML 17Page - Micronas MSP3400C Datasheet HTML 18Page - Micronas MSP3400C Datasheet HTML 19Page - Micronas MSP3400C Datasheet HTML 20Page - Micronas MSP3400C Datasheet HTML 21Page - Micronas MSP3400C Datasheet HTML 22Page - Micronas MSP3400C Datasheet HTML 23Page - Micronas MSP3400C Datasheet HTML 24Page - Micronas MSP3400C Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
MSP 3400C
PRELIMINARY DATA SHEET
MICRONAS INTERMETALL
21
6.2. Registers: Functions and Values
In the following, the functions of several registers are ex-
plained and their (default) values are defined.
6.2.1. Setting of Parameter AD_CV
Table 6–3: AD_CV Register
AD_CV Bit Range
Meaning
Settings
AD_CV [0]
not used
must be set to 0
AD_CV [6:1]
Reference level in case of Automatic Gain
Control = on.
Constant gain factor when Automatic Gain
Control = off .
see Table 6–5
see Table 6–6
AD_CV [7]
Determination of Automatic Gain or Constant
Gain
0 = constant gain
1 = automatic gain
AD_CV [8]
Selection of analog input
0 = ANALOG IN1
1 = ANALOG IN2
AD_CV [9]
MSPC-Carrier-Mute Function
0 = off: no mute
1 = on: mute (see section 4.1.8.)
AD_CV [11–10]
Programmable Carrier-Mute Level
see Table 6–4
AD_CV [15–12]
not used
must be set to 0
Table 6–4: Carrier Mute Level
Step
AD_CV [11:10]
binary
AD_CV [11:10]
decimal
Internal reference level for mute active
(dBr: relative to MSP 3410 )
0
1
2
3
00
01
10
11
0
1
2
3
0 dBr
–3 dBr
–6 dBr
–12 dBr
Table 6–5: Reference values AD_CV [6:1] for active AGC (AD_CV[7] = 1)
Application
Input Signal Contains
Ref. Value
binary
Ref. Value
decimal
Range of Input Signal
at pin ANA_IN_1+ and
ANA_IN_2+
Terrestrial TV
2 FM Carriers
101000
40
0.14 – 3 Vpp1)
SAT
1 or more FM Carriers
100011
35
0.14 – 3 Vpp1)
ADR
1 or more FM Carriers and
1 or more ADR Carriers
010100
20
0.14 – 3 Vpp1)
1) For signals above 1.4 Vpp, the minimum gain of 3 dB is switched and overflow of the AD converter may result. Due
to the robustness of the internal processing in FM mode, the IC works properly up to and even more than 3 Vpp. In AM
mode, of course, no AD converter overflow is allowed. As a consequence, in the AM-mode, the maximum input at pins
41 or 43 must not exceed 1.4 Vpp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com