Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2764A Datasheet(PDF) 7 Page - STMicroelectronics

Part # M2764A
Description  NMOS 64K (8K x 8) UV EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2764A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M2764A Datasheet HTML 2Page - STMicroelectronics M2764A Datasheet HTML 3Page - STMicroelectronics M2764A Datasheet HTML 4Page - STMicroelectronics M2764A Datasheet HTML 5Page - STMicroelectronics M2764A Datasheet HTML 6Page - STMicroelectronics M2764A Datasheet HTML 7Page - STMicroelectronics M2764A Datasheet HTML 8Page - STMicroelectronics M2764A Datasheet HTML 9Page - STMicroelectronics M2764A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
tAVPL
VALID
AI00779
A0-A12
Q0-Q7
VPP
VCC
P
G
DATA IN
DATA OUT
E
tQVPL
tVPHPL
tVCHPL
tPHQX
tPLPH
tGLQV
tQXGL
tELPL
tGHQZ
tGHAX
PROGRAM
VERIFY
Figure 6. Programming and Verify Modes AC Waveforms
AI00775B
n = 1
Last
Addr
VERIFY
P = 1ms Pulse
++n
> 25
++ Addr
VCC = 6V, VPP = 12.5V
FAIL
CHECK ALL BYTES
VCC = 5V, VPP 5V
YES
NO
YES
NO
YES
NO
P = 3ms Pulse by n
Figure 7. Fast Programming Flowchart
been successfully programmed. A flowchart of the
M2764A Fast Programming Algorithm is shown on
the last page. The Fast Programming Algorithm
utilizes two different pulse types: initial and over-
program.
The duration of the initial P pulse(s) is 1ms, which
will then be followed by a longer overprogram pulse
of length 3ms by n (n is equal to the number of the
initial one millisecond pulses applied to a particular
M2764A location), before a correct verify occurs.
Up to 25 one-millisecond pulses per byte are pro-
vided for before the overprogram pulse is applied.
The entire sequence of program pulses and byte
verifications is performed at VCC = 6V and VPP =
12.5V. When the Fast Programming cycle has been
completed, all bytes should be compared to the
original data with VCC = 5V and VPP = 5V.
Program Inhibit
Programming of multiple M2764A in parallel with
different data is also easily accomplished. Except
for E, all like inputs (including G) of the parallel
M2764A may be common. A TTL low pulse applied
to a M2764A’s E input, with VPP at 12.5V, will
program that M2764A. A high level E input inhibits
the other M2764As from being programmed.
DEVICE OPERATION (cont’d)
7/10
M2764A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com