Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2764A Datasheet(PDF) 8 Page - STMicroelectronics

Part # M2764A
Description  NMOS 64K (8K x 8) UV EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2764A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M2764A Datasheet HTML 2Page - STMicroelectronics M2764A Datasheet HTML 3Page - STMicroelectronics M2764A Datasheet HTML 4Page - STMicroelectronics M2764A Datasheet HTML 5Page - STMicroelectronics M2764A Datasheet HTML 6Page - STMicroelectronics M2764A Datasheet HTML 7Page - STMicroelectronics M2764A Datasheet HTML 8Page - STMicroelectronics M2764A Datasheet HTML 9Page - STMicroelectronics M2764A Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Program Verify
A verify should be performed on the programmed
bits to determine that they were correctly pro-
grammed. The verify is accomplished with G = VIL,
E = VIL, P = VIH and VPP = 12.5V.
Electronic Signature
The Electronic Signature mode allows the reading
out of a binary code from an EPROM that will
identify its manufacturer and type. This mode is
intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm.
This mode is functional in the 25
°C ± 5°C ambient
temperature range that is required when program-
ming the M2764A.
To activate this mode, the programming equipment
must force 11.5V to 12.5V on address line A9 of the
M2764A. Two identifier bytes may then be se-
quenced from the device outputs by toggling ad-
dress line A0 from VIL to VIH. All other address lines
must be held at VIL during Electronic Signature
mode. Byte 0 (A0 = VIL) represents the manufac-
turer code and byte 1 (A0 = VIH) the device identifier
code. For the SGS-THOMSON M2764A, these two
identifier bytes are given below.
ERASURE OPERATION (applies to UV EPPROM)
The erasure characteristic of the M2764A is such
that erasure begins when the cells are exposed to
light with wavelengths shorter than approximately
4000 Å. It should be noted that sunlight and some
type of fluorescent lamps have wavelengths in the
3000-4000 Å range. Research shows that constant
exposure to room level fluorescent lighting could
erase a typical M2764A in about 3 years, while it
would take approximately 1 week to cause erasure
when exposed to direct sunlight. If the M2764A is
to be exposed to these types of lighting conditions
for extended periods of time, it is suggested that
opaque labels be put over the M2764A window to
prevent unintentional erasure. The recommended
erasure procedure for the M2764A is exposure to
short wave ultraviolet light which has wavelength
2537 Å. The integrated dose (i.e. UV intensity x
exposure time) for erasure should be a minimum
of 15 W-sec/cm2. The erasure time with this dosage
is approximately 15 to 20 minutes using an ultra-
violet lamp with 12000
µW/cm2 power rating. The
M2764A should be placed within 2.5 cm (1 inch) of
the lamp tubes during the erasure. Some lamps
have a filter on their tubes which should be re-
moved before erasure.
Speed and VCC Tolerance
-1
180 ns, 5V
±5%
-2
200 ns, 5V
±5%
blank
250 ns, 5V
±5%
-3
300 ns, 5V
±5%
-4
450 ns, 5V
±5%
-20
200 ns, 5V
±10%
-25
250 ns, 5V
±10%
Package
F
FDIP28W
Temperature Range
1
0 to 70
°
6
–40 to 85
°C
Example:
M2764A
-1
F
1
ORDERING INFORMATION SCHEME
For a list of available options (Speed, VCC Tolerance, Package, etc...) refer to the current Memory Shortform
catalogue.
For further information on any aspect of this device, please contact SGS-THOMSON Sales Office nearest
to you.
8/10
M2764A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com