Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2764A Datasheet(PDF) 1 Page - STMicroelectronics

Part # M2764A
Description  NMOS 64K (8K x 8) UV EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2764A Datasheet(HTML) 1 Page - STMicroelectronics

  M2764A Datasheet HTML 1Page - STMicroelectronics M2764A Datasheet HTML 2Page - STMicroelectronics M2764A Datasheet HTML 3Page - STMicroelectronics M2764A Datasheet HTML 4Page - STMicroelectronics M2764A Datasheet HTML 5Page - STMicroelectronics M2764A Datasheet HTML 6Page - STMicroelectronics M2764A Datasheet HTML 7Page - STMicroelectronics M2764A Datasheet HTML 8Page - STMicroelectronics M2764A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AI00776B
13
A0-A12
P
Q0-Q7
VPP
VCC
M2764A
G
E
VSS
8
Figure 1. Logic Diagram
M2764A
NMOS 64K (8K x 8) UV EPROM
FAST ACCESS TIME: 180ns
EXTENDED TEMPERATURE RANGE
SINGLE 5V SUPPLY VOLTAGE
LOW STANDBY CURRENT: 35mA max
TTLCOMPATIBLE DURING READ and PROGRAM
FAST PROGRAMMING ALGORITHM
ELECTRONIC SIGNATURE
PROGRAMMING VOLTAGE: 12V
DESCRIPTION
The M2764A is a 65,536 bit UV erasable and
electrically programmable memory EPROM. It is
organized as 8,192 words by 8 bits.
The M27C64A is housed in a 28 pin Window Ce-
ramic Frit-Seal Dual-in-Line package. The trans-
parent lid allows the user to expose the chip to
ultraviolet light to erase the bit pattern. A new
pattern can then be written to the device by follow-
ing the programming procedure.
A0 - A12
Address Inputs
Q0 - Q7
Data Outputs
E
Chip Enable
G
Output Enable
P
Program
VPP
Program Supply
VCC
Supply Voltage
VSS
Ground
Table 1. Signal Names
1
28
FDIP28W (F)
March 1995
1/10


Similar Part No. - M2764A

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M2764A INTEL-M2764A Datasheet
622Kb / 9P
AVDVANCED 64K (8K x 8) UV ERASABLE PROM
M2764A-25 INTEL-M2764A-25 Datasheet
622Kb / 9P
AVDVANCED 64K (8K x 8) UV ERASABLE PROM
More results

Similar Description - M2764A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2708 NTE-NTE2708 Datasheet
30Kb / 4P
Integrated Circuit NMOS, 8K UV EPROM, 450ns
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
NMOS 16K 2K x 8 UV EPROM
Jul-1994
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
NMOS 256K 32K x 8 UV EPROM
Nov-2000
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
NMOS 512K 64K x 8 UV EPROM
Nov-2000
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
64K (8K x 8) CMOS EPROM
2004
logo
NXP Semiconductors
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
STMicroelectronics
2764A STMICROELECTRONICS-2764A Datasheet
99Kb / 11P
64K (8K x 8) UV EPROM and OTP ROM
Mar-1995
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
64K BIT CMOS EPROM (8K X 8)
November 12 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com