Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2764A Datasheet(PDF) 2 Page - STMicroelectronics

Part # M2764A
Description  NMOS 64K (8K x 8) UV EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2764A Datasheet(HTML) 2 Page - STMicroelectronics

  M2764A Datasheet HTML 1Page - STMicroelectronics M2764A Datasheet HTML 2Page - STMicroelectronics M2764A Datasheet HTML 3Page - STMicroelectronics M2764A Datasheet HTML 4Page - STMicroelectronics M2764A Datasheet HTML 5Page - STMicroelectronics M2764A Datasheet HTML 6Page - STMicroelectronics M2764A Datasheet HTML 7Page - STMicroelectronics M2764A Datasheet HTML 8Page - STMicroelectronics M2764A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Q2
VSS
A3
A0
Q0
Q1
A2
A1
G
Q5
A10
E
Q3
A11
Q7
Q6
Q4
NC
P
A12
A4
VPP
VCC
A7
AI00777
M2764A
8
1
2
3
4
5
6
7
9
10
11
12
13
14
20
19
18
17
16
15
A6
A5
A9
A8
28
27
26
25
24
23
22
21
Figure 2. DIP Pin Connections
Warning: NC = Not Connected.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
grade 1
grade 6
0 to 70
–40 to 85
°C
TBIAS
Temperature Under Bias
grade 1
grade 6
–10 to 80
–50 to 95
°C
TSTG
Storage Temperature
–65 to 125
°C
VIO
Input or Output Voltages
–0.6 to 6.5
V
VCC
Supply Voltage
–0.6 to 6.5
V
VA9
A9 Voltage
–0.6 to 13.5
V
VPP
Program Supply
–0.6 to 14
V
Note: Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause
permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those
indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods
may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents.
Table 2. Absolute Maximum Ratings
DEVICE OPERATION
The seven modes of operations of the M2764A are
listed in the Operating Modes table. A single 5V
power supply is required in the read mode. All
inputs are TTL levels except for VPP and 12V on A9
for Electronic Signature.
Read Mode
The M2764A has two control functions, both of
which must be logically satisfied in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
be used to gate data to the output pins, inde-
pendent of device selection.
Assuming that the addresses are stable, address
access time (tAVQV) is equal to the delay from E to
output (tELQV). Data is available at the outputs after
the falling edge of G, assuming that E has been low
and the addresses have been stable for at least
tAVQV-tGLQV.
Standby Mode
The M2764A has a standby mode which reduces
the maximum active power current from 75mA to
35mA. The M2764A is placed in the standby mode
by applying a TTL high signal to the E input. When
in the standby mode, the outputs are in a high
impedance state, independent of the G input.
Two Line Output Control
Because EPROMs are usually used in larger mem-
ory arrays, the product features a 2 line control
function which accommodates the use of multiple
memory connection. The two line control function
allows :
a. the lowest possible memory power dissipation,
b. complete assurance that output bus contention
will not occur.
2/10
M2764A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com