Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XC6220D301PR
Description  1A LDO Voltage Regulator with “Green Operation”
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XC6220D301PR Datasheet HTML 18Page - Torex Semiconductor XC6220D301PR Datasheet HTML 19Page - Torex Semiconductor XC6220D301PR Datasheet HTML 20Page - Torex Semiconductor XC6220D301PR Datasheet HTML 21Page - Torex Semiconductor XC6220D301PR Datasheet HTML 22Page - Torex Semiconductor XC6220D301PR Datasheet HTML 23Page - Torex Semiconductor XC6220D301PR Datasheet HTML 24Page - Torex Semiconductor XC6220D301PR Datasheet HTML 25Page - Torex Semiconductor XC6220D301PR Datasheet HTML 26Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
22/26
XC6220 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
VIN=6.0V, Tr=5μs
Topr=25℃, CIN=CL=10μF (ceramic)
XC6220x 501
CE Voltage
Inrush Current
Output Voltage
CH1
CH2
CH3
100μs/div
CH1:500mV/div CH2:1V/div CH3:100mA/div
XC6220x 301 ( B /D )
VIN=4.0V, Tf=5μs, IOUT=0.1mA
Topr=25℃, CIN=10μF, CL=4.7μF (ceramic)
2.0ms/div
CH1:500mV/div CH2:2V/div
CH1
CH2
CE Voltage
Output Voltage
VIN=4.0V, Tf=5μs, IOUT=0.1mA
Topr=25℃, CIN=10μF, CL=4.7μF (ceramic)
XC6220x 301 ( A /C)
200ms/div
CH1:500mV/div CH2:2V/div
CE Voltage
Output Voltage
CH1
CH2
(15) Ripple Rejection Ratio
XC6220x 121 ( H i g hSpeed mode)
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Ripple Frequency: f (kHz)
VIN=CE=2.2VDC+0.5Vp-pAC, IOUT=30mA
Topr=25℃, CIN=0.1μF, CL=22μF (ceramic)
X C6220x121 (P o wer S ave mo de)
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
100
1000
Ripp;e Frequency: f (kHz)
VIN=CE=2.2VDC+0.5Vp-pAC, IOUT=0.1mA
Topr=25℃, CIN=0.1μF, CL=22μF (ceramic)
(13) Inrush Current
(14) CL Discharge Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com