Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6220D301PR
Description  1A LDO Voltage Regulator with “Green Operation”
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6220D301PR Datasheet HTML 1Page - Torex Semiconductor XC6220D301PR Datasheet HTML 2Page - Torex Semiconductor XC6220D301PR Datasheet HTML 3Page - Torex Semiconductor XC6220D301PR Datasheet HTML 4Page - Torex Semiconductor XC6220D301PR Datasheet HTML 5Page - Torex Semiconductor XC6220D301PR Datasheet HTML 6Page - Torex Semiconductor XC6220D301PR Datasheet HTML 7Page - Torex Semiconductor XC6220D301PR Datasheet HTML 8Page - Torex Semiconductor XC6220D301PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
XC6220
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage
VOUT(E)
(*1)
High Speed Mode (HS)
2.0V≦VOUT(T)≦5.0V
VCE=VIN, IOUT=30mA
×0.99
VOUT(T)(*2)
×1.01
V
①
High Speed Mode (HS)
0.8V≦VOUT(T)≦1.95V
VCE=VIN, IOUT=30mA
-0.02
+0.02
Power Save Mode (PS)
2.0V≦VOUT(T)≦5.0V
VCE=VIN, IOUT=0.1mA
×0.98
×1.02
Power Save Mode (PS)
0.8V≦VOUT(T)≦1.95V
VCE=VIN, IOUT=0.1mA
-0.04
+0.04
Output Current
IOUTMAX
VCE=VIN
VIN=VOUT(T)+1.0V
0.8V≦VOUT(T)≦1.15V
700
1200
-
mA
①
VCE=VIN
VIN=VOUT(T)+1.0V
1.2V≦VOUT(T)≦5.0V
1000
1200
-
Load Regulation
ΔVOUT
High Speed Mode (HS),
VCE=VIN, 10mA≦IOUT≦300mA
-
10
45
mV
①
Dropout Voltage1
Vdif (*3)
IOUT=300mA, VCE=VIN
-
E-1
mV
①
Dropout Voltage2
Vdif (*3)
IOUT=1000mA, VCE=VIN
-
-
E-2
mV
①
Supply Current 1
ISS1
High Speed Mode(HS)
VIN=VCE=VOUT(T)+1.0V
IOUT=10mA (A/B Series)
-
50
108
μ
A
②
High Speed Mode(HS)
VIN=VCE=VOUT(T)+1.0V
IOUT=10mA (C/D Series)
-
50
E-3
Supply Current 2
ISS2
Power Save Mode(PS)
VIN=VCE=VOUT(T)+1.0V
IOUT=0.1mA (A/B Series)
-
8
18
μ
A
②
Power Save Mode(PS)
VIN=VCE=VOUT(T)+1.0V
IOUT=0.1mA (C/D Series)
-
8
E-4
Stand-by Current
ISTBY
VIN=6.0V, VCE=VSS
-0.1
0.01
0.1
μ
A
②
Line Regulation
ΔVOUT/
(ΔVIN・VOUT)
VOUT(T)+0.5V≦VIN≦6.0V
1.1V≦VOUT(T)≦5.0V
VCE=VIN, IOUT=100mA
-
0.01
0.20
%/V
①
1.6V≦VIN≦6.0V
0.8V≦VOUT(T)≦1.05V
VCE=VInm, IOUT=100mA
Input Voltage
VIN
1.6
-
6.0
V
①
Output Voltage
Temperature
Characteristics
ΔVOUT/
(ΔTa・VOUT)
VCE=VIN
IOUT=30mA
-40℃≦Ta≦85℃
-
±100
-
ppm/℃
①
■
ELECTRICAL CHARACTERISTICS
●
XC6220A/B/C/D Series
Ta=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com