Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6220D301PR
Description  1A LDO Voltage Regulator with “Green Operation”
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6220D301PR Datasheet HTML 1Page - Torex Semiconductor XC6220D301PR Datasheet HTML 2Page - Torex Semiconductor XC6220D301PR Datasheet HTML 3Page - Torex Semiconductor XC6220D301PR Datasheet HTML 4Page - Torex Semiconductor XC6220D301PR Datasheet HTML 5Page - Torex Semiconductor XC6220D301PR Datasheet HTML 6Page - Torex Semiconductor XC6220D301PR Datasheet HTML 7Page - Torex Semiconductor XC6220D301PR Datasheet HTML 8Page - Torex Semiconductor XC6220D301PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
XC6220
Series
1
2
3
4
5
2
VIN
VOUT
VSS
CE
NC
SOT-89-5
(TOP VIEW)
1
3
2
5
4
VIN
VOUT
VSS
CE
NC
SOT - 25
( TOP VIEW)
USP-6C
(BOTTOM VIEW)
5
6
4
1
2
3
VIN
VIN
VSS
VOUT
VOUT
CE
PIN NUMBER
PIN NAME
FUNCTIONS
SOT-25
SOT-89-5
USP-6C
SOP-8FD
3
1
3
5
CE
ON/OFF Control
1
4
6 & 5
7,8
VIN
Power Input
2
2
4
4
VSS
Ground
5
5
1 & 2
1,2
VOUT
Output
4
3
-
3,6
NC
No connection
PIN NAME
DESIGNATOR
CONDITIONS
IC OPERATION
CE
L
VCE≦0.4V
OFF
H
1.2V≦VCE≦6.0V
ON
OPEN
VCE=OPEN(*1)
Undefined state
(XC6220A/B Series)
OFF (XC6220C/D Series)
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
* For the USP-6C, the No.5 and 6 VIN pins should be connected. The No.1
and 2 pins VOUT pins should be connected. The dissipation pad should be
solder-plated in reference mount pattern and metal masking so as to
enhance mounting strength and heat release. If the pad needs to be
connected to other pins, it should be connected to the VSS (No. 4) pin.
* For the SOP-8FD, two power input pins (No.7 and No.8) output pins (No.1
and 2) should be connected. The dissipation pad should be solder-plated
in electrically open or connecting to the VSS (No.4) pin.
(*1) Please avoid the state of OPEN, and connect CE pin to any arbitrary voltage.
* For the XC6220C/D series, CE function logic is fixed as L level because of the CE pull-down resister.
■
FUNCTIONS
VIN
SOP-8FD
(TOP VIEW)
1
2
3
4
8
7
6
5
VIN
NC
CE
VOUT
NC
VSS
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com