Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D301PR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6220D301PR
Description  1A LDO Voltage Regulator with “Green Operation”
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220D301PR Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6220D301PR Datasheet HTML 1Page - Torex Semiconductor XC6220D301PR Datasheet HTML 2Page - Torex Semiconductor XC6220D301PR Datasheet HTML 3Page - Torex Semiconductor XC6220D301PR Datasheet HTML 4Page - Torex Semiconductor XC6220D301PR Datasheet HTML 5Page - Torex Semiconductor XC6220D301PR Datasheet HTML 6Page - Torex Semiconductor XC6220D301PR Datasheet HTML 7Page - Torex Semiconductor XC6220D301PR Datasheet HTML 8Page - Torex Semiconductor XC6220D301PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4/26
XC6220 Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS - 0.3 ~ 6.5
V
Output Voltage
VOUT
VSS - 0.3 ~ VIN + 0.3
V
CE Input Voltage
VCE
VSS - 0.3 ~ 6.5
V
Power Dissipation
(Ta=25℃)
SOT-25
Pd
250
mW
600 (40mm x 40mm Standard Board) (*1)
760 (JESD51-7 Board) (*1)
SOT-89-5
500
1300 (40mm x 40mm Standard Board) (*1)
1750 (JESD51-7 Board) (*1)
USP-6C
120
1000 (40mm x 40mm Standard Board) (*1)
1250 (JESD51-7 Board) (*1)
SOP-8FD
300
1500 (40mm x 40mm Standard Board) (*1)
2500 (JESD51-7 Board) (*1)
Operating Ambient Temperature
Topr
-40 ~ 85
℃
Storage Temperature
Tstg
-55 ~ 125
℃
(*1)
The power dissipation figure shown is PCB mounted and is for reference only.
The mounting condition is please refer to PACKAGING INFORMATION.
■
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com