Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2732AF6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M2732AF6
Description  NMOS 32K 4K x 8 UV EPROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M2732AF6 Datasheet(HTML) 2 Page - STMicroelectronics

  M2732AF6 Datasheet HTML 1Page - STMicroelectronics M2732AF6 Datasheet HTML 2Page - STMicroelectronics M2732AF6 Datasheet HTML 3Page - STMicroelectronics M2732AF6 Datasheet HTML 4Page - STMicroelectronics M2732AF6 Datasheet HTML 5Page - STMicroelectronics M2732AF6 Datasheet HTML 6Page - STMicroelectronics M2732AF6 Datasheet HTML 7Page - STMicroelectronics M2732AF6 Datasheet HTML 8Page - STMicroelectronics M2732AF6 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Q2
VSS
A3
A0
Q0
Q1
A2
A1
GVPP
Q5
A10
E
Q3
A11
Q7
Q6
Q4
A4
VCC
A7
AI00781
M2732A
8
1
2
3
4
5
6
7
9
10
11
12
20
19
18
17
16
15
A6
A5
A9
A8
23
22
21
14
13
24
Figure 2. DIP Pin Connections
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
grade 1
grade 6
0 to 70
–40 to 85
°C
TBIAS
Temperature Under Bias
grade 1
grade 6
–10 to 80
–50 to 95
°C
TSTG
Storage Temperature
–65 to 125
°C
VIO
Input or Output Voltages
–0.6 to 6
V
VCC
Supply Voltage
–0.6 to 6
V
VPP
Program Supply Voltage
–0.6 to 22
V
Note: Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may cause
permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those
indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods
may affect device reliability. Refer also to the SGS-THOMSON SURE Program and other relevant quality documents.
Table 2. Absolute Maximum Ratings
DEVICE OPERATION
The six modes of operation for the M2732A are
listed in the Operating Modes Table. A single 5V
power supply is required in the read mode. All
inputs are TTL level except for VPP.
Read Mode
The M2732A has two control functions, both of
which must be logically satisfied in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
be used to gate data to the output pins, inde-
pendent of device selection.
Assuming that the addresses are stable, address
access time (tAVAQ) is equal to the delay from E to
output (tELQV). Data is available at the outputs after
the falling edge of G, assuming that E has been low
and the addresses have been stable for at least
tAVQV-tGLQV.
Standby Mode
The M2732A has a standby mode which reduces
the active power current by 70 %, from 125 mA to
35 mA. The M2732A is placed in the standby mode
by applying a TTL high signal to E input. When in
standby mode, the outputs are in a high impedance
state, independent of the GVPP input.
Two Line Output Control
Because M2732A’s are usually used in larger mem-
ory arrays, this product features a 2 line control
function which accommodates the use of multiple
memory connection. The two line control function
allows:
a. the lowest possible memory power dissipation,
b. complete assurance that output bus contention
will not occur.
To most efficiently use these two control lines, it is
recommended that E be decoded and used as the
primary device selecting function, while G should
be made a common connection to all devices in the
array and connected to the READ line from the
system control bus.
This ensures that all deselected memory devices
are in their low power standby mode and that the
output pins are only active when data is required
from a particular memory device.
2/9
M2732A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com